Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS616 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TS616
Description  DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS616 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TS616 Datasheet HTML 10Page - STMicroelectronics TS616 Datasheet HTML 11Page - STMicroelectronics TS616 Datasheet HTML 12Page - STMicroelectronics TS616 Datasheet HTML 13Page - STMicroelectronics TS616 Datasheet HTML 14Page - STMicroelectronics TS616 Datasheet HTML 15Page - STMicroelectronics TS616 Datasheet HTML 16Page - STMicroelectronics TS616 Datasheet HTML 17Page - STMicroelectronics TS616 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
TS616
14/27
Figure 43: Group Delay
VCC=±6V, VCC=±2.5V
SAFE OPERATING AREA
Figure 44: Safe Operating Area
Figure 44 shows the safe operating condition. This
curve shows the input level vs. the input frequen-
cy. It’s necessary to consider this characteristic to
guarantee the design. In the dash-lined zone, the
consumption increases. Moreover, this increased
consumption could do damage to the chip if the
temperature increases.
1M
10M
10
20
30
40
50
60
70
80
90
100
A
v
=4
Vcc=±6V, Rfb=620
Ω, Load=25Ω
Vcc=±2.5V, Rfb=910
Ω, Load=10Ω
IF Bw = 10Hz
Smoothing=19.247MHz
on 10ns/div scale
50M
300k
Frequency (Hz)
1M
10M
10
20
30
40
50
60
70
80
90
100
A
v
=4
Vcc=±6V, Rfb=620
Ω, Load=25Ω
Vcc=±2.5V, Rfb=910
Ω, Load=10Ω
IF Bw = 10Hz
Smoothing=19.247MHz
on 10ns/div scale
50M
300k
Frequency (Hz)
1M
10M
100M
0
100
200
300
400
500
600
700
Vcc=+/-6V
Ta=25°C
G=12dB
R
L
=100
SAFE
OPERATING
AREA
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com