Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS616 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TS616
Description  DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS616 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TS616 Datasheet HTML 13Page - STMicroelectronics TS616 Datasheet HTML 14Page - STMicroelectronics TS616 Datasheet HTML 15Page - STMicroelectronics TS616 Datasheet HTML 16Page - STMicroelectronics TS616 Datasheet HTML 17Page - STMicroelectronics TS616 Datasheet HTML 18Page - STMicroelectronics TS616 Datasheet HTML 19Page - STMicroelectronics TS616 Datasheet HTML 20Page - STMicroelectronics TS616 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
TS616
17/27
Figure 52: Intermodulation vs. Frequency Range
AV=+4, Rfb=620Ω, RL=50Ω diff., Vout=16Vpp, VCC=±6V
Figure 53: Intermodulation vs. Output Amplitude
370kHz & 400kHz, AV=+4, Rfb=620Ω, RL=200Ω diff.,VCC=±6V
Figure 54: Intermodulation vs. Output Amplitude
370kHz & 400kHz, AV=+4, Rfb=620Ω, RL=50Ω diff., VCC=±6V
100k
200k
300k
400k
500k
600k
700k
800k
900k
1M
1M
-100
-95
-90
-85
-80
-75
-70
-65
-60
1.1M
Quadratic Summation of all IM2 and IM3 components
generated by each two-tones signal
f1=1MHz
f2=1.1MHz
f1=400kHz
f2=430kHz
f1=200kHz
f2=230kHz
f1=100kHz
f2=110kHz
Frequency (Hz)
02468
10
12
14
16
18
20
22
-110
-100
-90
-80
-70
-60
-50
-40
-30
IM3
1140kHz, 1170kHz
IM2
770kHz
IM3
340kHz, 430kHz
IM2
30kHz
Differential Output Voltage (Vp-p)
02468
10
12
14
16
18
20
22
-110
-100
-90
-80
-70
-60
-50
-40
-30
IM3
1140kHz, 1170kHz
IM2
770kHz
IM3
340kHz, 430kHz
IM2
30kHz
Differential Output Voltage (Vp-p)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com