Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS616 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TS616
Description  DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS616 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TS616 Datasheet HTML 4Page - STMicroelectronics TS616 Datasheet HTML 5Page - STMicroelectronics TS616 Datasheet HTML 6Page - STMicroelectronics TS616 Datasheet HTML 7Page - STMicroelectronics TS616 Datasheet HTML 8Page - STMicroelectronics TS616 Datasheet HTML 9Page - STMicroelectronics TS616 Datasheet HTML 10Page - STMicroelectronics TS616 Datasheet HTML 11Page - STMicroelectronics TS616 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
TS616
8/27
Figure 7: Closed Loop Gain vs. Frequency
AV=+4
Figure 8: Closed Loop Gain vs. Frequency
AV=+8
Figure 9: Bandwidth vs. Temperature
AV=+4, Rfb=910Ω
Figure 10: Closed Loop Gain vs. Frequency
AV=-4
Figure 11: Closed Loop Gain vs. Frequency
AV=-8
Figure 12: Positive Slew Rate
AV=+4, Rfb=620Ω, VCC=±6V, RL=25Ω
100
1k
10k
100k
1M
10M
100M
-4
-2
0
2
4
6
8
10
12
14
-120
-100
-80
-60
-40
-20
0
20
40
phase
gain
(Vcc=±6V)
(Vcc=±2.5V)
(Vcc=±6V)
(Vcc=±2.5V)
Frequency (Hz)
(Vcc=±2.5V, Rfb=910
Ω, Rg=300Ω, Rload=10Ω)
(Vcc=±6V, Rfb=620
Ω, Rg=560//330Ω, Rload=25Ω)
100
1k
10k
100k
1M
10M
100M
2
4
6
8
10
12
14
16
18
20
-120
-100
-80
-60
-40
-20
0
20
40
phase
gain
(Vcc=±6V)
(Vcc=±2.5V)
(Vcc=±6V)
(Vcc=±2.5V)
Frequency (Hz)
(Vcc=±2.5V, Rfb=680
Ω, Rg=240//160Ω, Rload=10Ω)
(Vcc=±6V, Rfb=510
Ω, Rg=270//100Ω, Rload=25Ω)
-40
-20
0
2040
6080
20
25
30
35
40
45
50
Vcc=±2.5V
Load=10
Ω
Vcc=±6V
Load=25
Ω
Temperature (
°C)
100
1k
10k
100k
1M
10M
100M
-4
-2
0
2
4
6
8
10
12
14
-300
-280
-260
-240
-220
-200
-180
-160
-140
(Vcc=±2.5V, Rfb=1k
Ω, Rin=320//360Ω, Rload=10Ω)
(Vcc=±6V, Rfb=620
Ω, Rin=360//270Ω, Rload=25Ω)
phase
gain
(Vcc=±6V)
(Vcc=±2.5V)
(Vcc=±6V)
(Vcc=±2.5V)
Frequency (Hz)
100
1k
10k
100k
1M
10M
100M
2
4
6
8
10
12
14
16
18
20
-300
-280
-260
-240
-220
-200
-180
-160
-140
phase
gain
(Vcc=±6V)
(Vcc=±2.5V)
(Vcc=±6V)
(Vcc=±2.5V)
Frequency (Hz)
(Vcc=±2.5V, Rfb=680
Ω, Rin=160//180Ω, Rload=10Ω)
(Vcc=±6V, Rfb=510
Ω, Rin=150//110Ω, Rload=25Ω)
0.0
10.0n
20.0n
30.0n
40.0n
50.0n
-4
-2
0
2
4
Time (s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com