Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS616 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TS616
Description  DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS616 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TS616 Datasheet HTML 9Page - STMicroelectronics TS616 Datasheet HTML 10Page - STMicroelectronics TS616 Datasheet HTML 11Page - STMicroelectronics TS616 Datasheet HTML 12Page - STMicroelectronics TS616 Datasheet HTML 13Page - STMicroelectronics TS616 Datasheet HTML 14Page - STMicroelectronics TS616 Datasheet HTML 15Page - STMicroelectronics TS616 Datasheet HTML 16Page - STMicroelectronics TS616 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
TS616
13/27
Figure 37: Iout vs. Temperature
Open loop, VCC=±2.5V, RL=25Ω
Figure 38: Maximum Output Amplitude vs. Load
AV=+4, Rfb=620Ω, VCC=±6V
Figure 39: Isink vs. Output Amplitude.
VCC=±2.5V, Open Loop, no Load
Figure 40: Isource vs. Output Amplitude.
VCC=±2.5V, Open Loop, no Load
Figure 41: Isink vs. Output Amplitude
VCC=±6V, Open Loop, no Load
Figure 42: Isource vs. Output Amplitude
VCC=±6V, Open Loop, no Load
-40
-20
0
20406080
-450
-400
-350
-300
-250
-200
-150
-100
-50
0
50
100
150
200
250
300
Isource
Isink
Temperature (
°C)
0
50
100
150
200
0
2
4
6
8
10
12
Vcc=±6V
Vcc=±2.5V
R
LOAD
(
Ω)
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
-700
-600
-500
-400
-300
-200
-100
0
Vout (V)
0.0
0.5
1.0
1.5
2.0
2.5
0
100
200
300
400
500
600
700
Vout (V)
-6
-5
-4
-3
-2
-1
0
-700
-600
-500
-400
-300
-200
-100
0
Vout (V)
01234
56
0
100
200
300
400
500
600
700
Vout (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com