Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS616 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS616
Description  DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS616 Datasheet(HTML) 1 Page - STMicroelectronics

  TS616 Datasheet HTML 1Page - STMicroelectronics TS616 Datasheet HTML 2Page - STMicroelectronics TS616 Datasheet HTML 3Page - STMicroelectronics TS616 Datasheet HTML 4Page - STMicroelectronics TS616 Datasheet HTML 5Page - STMicroelectronics TS616 Datasheet HTML 6Page - STMicroelectronics TS616 Datasheet HTML 7Page - STMicroelectronics TS616 Datasheet HTML 8Page - STMicroelectronics TS616 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1/27
s LOW NOISE : 2.5nV/
√Hz
s HIGH OUTPUT CURRENT : 420mA
s VERY LOW HARMONIC AND INTERMODU-
LATION DISTORTION
s HIGH SLEW RATE : 420V/
µs
s -3dB BANDWIDTH : 40MHz@gain=12dB on
25
Ω load single ended.
s 20.7Vp-p DIFFERENTIAL OUTPUT SWING
on 50
Ω load, 12V power supply
s CURRENT FEEDBACK STRUCTURE
s 5V to 12V POWER SUPPLY
s SPECIFIED FOR 20
Ω and 50Ω
DIFFERENTIAL LOAD
DESCRIPTION
The TS616 is a dual operational amplifier featur-
ing a high output current of 410mA. The drivers
can be configured differentially for driving signals
in telecommunication systems using multiple car-
riers. The TS616 is ideally suited for xDSL (High
Speed Asymmetrical Digital Subscriber Line) ap-
plications. This circuit is capable of driving a 10
Ω
or 25
Ω load at ±2.5V, 5V, ±6V or +12V power
supply. The TS616 is able to reach a -3dB band-
width of 40MHz on 25
Ω load with a 12dB gain.
This device is designed for high slew rates sup-
porting low harmonic distortion and intermodula-
tion.
APPLICATION
s Line driver for xDSL
s Multiple Video Line Driver
ORDER CODE
DW = Small Outline Package with Exposed-Pad, T = Tape & Real
PIN CONNECTIONS (top view)
Part Number
Temperature Range
Package
TS616IDW
-40, +85°C
DW
TS616IDWT
-40, +85°C
DW
DW
SO8 Exposed-Pad
(Plastic Micro package)
VCC -
VCC +
1
2
3
5
4
8
7
6
Non Inverting Input1
Inverting Input1
Output2
Output1
Non Inverting Input2
Inverting Input2
Cross Section View Showing Exposed-Pad
This pad can be connected to a (-Vcc) copper area on the PCB
-
-
+
+
VCC -
VCC +
1
2
3
5
4
8
7
6
Non Inverting Input1
Inverting Input1
Output2
Output1
Non Inverting Input2
Inverting Input2
Cross Section View Showing Exposed-Pad
This pad can be connected to a (-Vcc) copper area on the PCB
-
-
+
+
TS616
DUAL WIDE BAND OPERATIONAL AMPLIFIER
WITH HIGH OUTPUT CURRENT
December 2002


Similar Part No. - TS616

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS616 STMICROELECTRONICS-TS616 Datasheet
166Kb / 2P
High-speed operational amplifier evaluation board kit
May-2005
TS616 STMICROELECTRONICS-TS616 Datasheet
1Mb / 37P
Dual wide band operational amplifier with high output current
26-Sep-2008
logo
Techcon Systems Inc.
TS616-HO-LD-PK TECHCON-TS616-HO-LD-PK Datasheet
1Mb / 8P
310 ml Dispensing Tools/Accessories
logo
STMicroelectronics
TS616IDW STMICROELECTRONICS-TS616IDW Datasheet
665Kb / 36P
Dual wide band operational amplifier with high output current
16-Apr-2007
TS616IDW STMICROELECTRONICS-TS616IDW Datasheet
1Mb / 37P
Dual wide band operational amplifier with high output current
26-Sep-2008
More results

Similar Description - TS616

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33076 ONSEMI-MC33076 Datasheet
213Kb / 12P
DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
1996 REV 0
logo
STMicroelectronics
TS612 STMICROELECTRONICS-TS612 Datasheet
135Kb / 11P
DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
May-2000
TS613 STMICROELECTRONICS-TS613 Datasheet
89Kb / 2P
DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
Rev 1
TS615 STMICROELECTRONICS-TS615 Datasheet
982Kb / 27P
DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
Dec-2002
TS612 STMICROELECTRONICS-TS612_02 Datasheet
135Kb / 10P
DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
Dec-2002
TS613 STMICROELECTRONICS-TS613_02 Datasheet
142Kb / 10P
DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
Dec-2002
TS615 STMICROELECTRONICS-TS615_04 Datasheet
905Kb / 36P
DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
Dec-2004
TS616 STMICROELECTRONICS-TS616_07 Datasheet
665Kb / 36P
Dual wide band operational amplifier with high output current
16-Apr-2007
TS616 STMICROELECTRONICS-TS616_08 Datasheet
1Mb / 37P
Dual wide band operational amplifier with high output current
26-Sep-2008
logo
Texas Instruments
ALM2402F-Q1 TI1-ALM2402F-Q1 Datasheet
543Kb / 23P
Automotive, Dual Operational Amplifier With High Current Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com