Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS616 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS616
Description  DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS616 Datasheet(HTML) 2 Page - STMicroelectronics

  TS616 Datasheet HTML 1Page - STMicroelectronics TS616 Datasheet HTML 2Page - STMicroelectronics TS616 Datasheet HTML 3Page - STMicroelectronics TS616 Datasheet HTML 4Page - STMicroelectronics TS616 Datasheet HTML 5Page - STMicroelectronics TS616 Datasheet HTML 6Page - STMicroelectronics TS616 Datasheet HTML 7Page - STMicroelectronics TS616 Datasheet HTML 8Page - STMicroelectronics TS616 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
TS616
2/27
ABSOLUTE MAXIMUM RATINGS
OPERATING CONDITIONS
TYPICAL APPLICATION:
Differential Line Driver for xDSL Applications
Symbol
Parameter
Value
Unit
VCC
Supply voltage 1)
±7
V
Vid
Differential Input Voltage 2)
±2
V
Vin
Input Voltage Range 3)
±6
V
Toper
Operating Free Air Temperature Range
-40 to + 85
°C
Tstd
Storage Temperature
-65 to +150
°C
Tj
Maximum Junction Temperature
150
°C
Rthjc
Thermal Resistance Junction to Case
16
°C/W
Rthja
Thermal Resistance Junction to Ambient Area
60
°C/W
Pmax.
Maximum Power Dissipation (@Ta=25°C) for Tj=150°C
2
W
ESD
only pins
1, 4, 7, 8
CDM : Charged Device Model
HBM : Human Body Model
MM : Machine Model
1.5
2
200
kV
kV
V
ESD
only pins
2, 3, 5, 6
CDM : Charged Device Model
HBM : Human Body Model
MM : Machine Model
1.5
2
100
kV
kV
V
Output Short Circuit
4)
1.
All voltage values, except differential voltage are with respect to network terminal.
2.
Differential voltage are non-inverting input terminal with respect to the inverting input terminal.
3.
The magnitude of input and output voltage must never exceed VCC +0.3V.
4.
An output current limitation protects the circuit from transient currents. Short-circuits can cause excessive heating.
Destructive dissipation can result from short circuit on amplifiers.
Symbol
Parameter
Value
Unit
VCC
Power Supply Voltage
±2.5 to ±6
V
Vicm
Common Mode Input Voltage
-VCC+1.5V to +VCC-1.5V
V
R4
R3
R2
Vi
Vi
Vo
Vo
-Vcc
+Vcc
25
Ω
100
Ω
12.5
Ω
12.5
Ω
1/2
TS615
1/2
TS615
1:2
3
2
4
5
1
4
_
+
_
+
R1
Vi
Vi
Vo
Vo
-Vcc
8
+Vcc
25
Ω
100
Ω
12.5
Ω
12.5
Ω
1/2
TS616
1/2
TS616
1:2
1
_
+
_
+
GND
R4
R3
R2
Vi
Vi
Vo
Vo
-Vcc
+Vcc
25
Ω
100
Ω
12.5
Ω
12.5
Ω
1/2
TS615
1/2
TS615
1:2
3
2
4
5
1
4
_
+
_
+
R1
Vi
Vi
Vo
Vo
-Vcc
8
+Vcc
25
Ω
100
Ω
12.5
Ω
12.5
Ω
1/2
TS616
1/2
TS616
1:2
1
_
+
_
+
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com