Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS616 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS616
Description  DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS616 Datasheet(HTML) 4 Page - STMicroelectronics

  TS616 Datasheet HTML 1Page - STMicroelectronics TS616 Datasheet HTML 2Page - STMicroelectronics TS616 Datasheet HTML 3Page - STMicroelectronics TS616 Datasheet HTML 4Page - STMicroelectronics TS616 Datasheet HTML 5Page - STMicroelectronics TS616 Datasheet HTML 6Page - STMicroelectronics TS616 Datasheet HTML 7Page - STMicroelectronics TS616 Datasheet HTML 8Page - STMicroelectronics TS616 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
TS616
4/27
NOISE AND DISTORTION
eN
Equivalent Input Noise Voltage
F = 100kHz
2.5
nV/
√Hz
iNp
Equivalent Input Noise Current (+)
F = 100kHz
15
pA/
√Hz
iNn
Equivalent Input Noise Current (-)
F = 100kHz
21
pA/
√Hz
HD2
2nd Harmonic Distortion
(differential configuration)
Vout = 14Vp-p, AV = 12dB
F= 110kHz, RL = 50Ω diff.
-87
dBc
HD3
3rd Harmonic Distortion
(differential configuration)
Vout = 14Vp-p, AV = 12dB
F= 110kHz, RL = 50Ω diff.
-83
dBc
IM2
2nd Order Intermodulation Product
(differential configuration)
F1= 100kHz, F2 = 110kHz
Vout = 16Vp-p, AV = 12dB
RL = 50Ω diff.
-76
dBc
F1= 370kHz, F2 = 400kHz
Vout = 16Vp-p, AV = 12dB
RL = 50Ω diff.
-75
IM3
3rd Order Intermodulation Product
(differential configuration)
F1 = 100kHz, F2 = 110kHz
Vout = 16Vp-p, AV = 12dB
RL = 50Ω diff.
-88
dBc
F1 = 370kHz, F2 = 400kHz
Vout = 16Vp-p, AV = 12dB
RL = 50Ω diff.
-87
Note: As described on page 24 (table 71), the TS616 requires a 620
Ω feedback resistor for an optimized bandwidth with a gain of 12B for
a 12V power supply. Nevertheless, due to production test constraints, the TS616 is tested with the same feedback resistor for 12V and 5V
power supplies (910
Ω).
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com