Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS616 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS616
Description  DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS616 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS616 Datasheet HTML 2Page - STMicroelectronics TS616 Datasheet HTML 3Page - STMicroelectronics TS616 Datasheet HTML 4Page - STMicroelectronics TS616 Datasheet HTML 5Page - STMicroelectronics TS616 Datasheet HTML 6Page - STMicroelectronics TS616 Datasheet HTML 7Page - STMicroelectronics TS616 Datasheet HTML 8Page - STMicroelectronics TS616 Datasheet HTML 9Page - STMicroelectronics TS616 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
TS616
6/27
NOISE AND DISTORTION
eN
Equivalent Input Noise Voltage
F = 100kHz
2.5
nV/
√Hz
iNp
Equivalent Input Noise Current (+)
F = 100kHz
15
pA/
√Hz
iNn
Equivalent Input Noise Current (-)
F = 100kHz
21
pA/
√Hz
HD2
2nd Harmonic Distortion
(differential configuration)
Vout = 6Vp-p, AV = 12dB
F= 110kHz, RL = 20Ω diff.
-97
dBc
HD3
3rd Harmonic Distortion
(differential configuration)
Vout = 6Vp-p, AV = 12dB
F= 110kHz, RL = 20Ω diff.
-98
dBc
IM2
2nd Order Intermodulation Product
(differential configuration)
F1= 100kHz, F2 = 110kHz
Vout = 6Vp-p, AV = 12dB
RL = 20Ω diff.
-86
dBc
F1= 370kHz, F2 = 400kHz
Vout = 6Vp-p, AV = 12dB
RL = 20Ω diff.
-88
IM3
3rd Order Intermodulation Product
(differential configuration)
F1 = 100kHz, F2 = 110kHz
Vout = 6Vp-p, AV = 12dB
RL = 20Ω diff.
-90
dBc
F1 = 370kHz, F2 = 400kHz
Vout = 6Vp-p, AV = 12dB
RL = 20Ω diff.
-85
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com