Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS652 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS652
Description  DIFFERENTIAL VARIABLE GAIN AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS652 Datasheet(HTML) 7 Page - STMicroelectronics

  TS652 Datasheet HTML 1Page - STMicroelectronics TS652 Datasheet HTML 2Page - STMicroelectronics TS652 Datasheet HTML 3Page - STMicroelectronics TS652 Datasheet HTML 4Page - STMicroelectronics TS652 Datasheet HTML 5Page - STMicroelectronics TS652 Datasheet HTML 6Page - STMicroelectronics TS652 Datasheet HTML 7Page - STMicroelectronics TS652 Datasheet HTML 8Page - STMicroelectronics TS652 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TS652
7/9
Closed Loop Gain vs. Frequency
Negative & Positive Slew Rate vs. Gain
Gain Switching (+15dB to -9dB)
Bandwidth vs. Gain
Equivalent Input Voltage Noise vs. Gain
Gain Switching (+30dB to +9dB)
-40
-30
-20
-10
0
10
20
30
40
10kHz
100kHz
1MHz
10MHz
100MHz
Frequency
-9
-6
-3
0
3
6
9
12 15
18
21 24
27 30
GAIN (dB)
70
75
80
85
90
95
100
105
110
SR+
SR-
Time
-4
-3
-2
-1
0
1
2
3
4
5
6
0
5
µs
10
µs15µs
20
µs
GC4 command
Ouput Signal
-9
-6
-3
0
3
6
9
12 15 18 21 24 27 30
GAIN (dB)
10
20
30
40
50
60
70
80
90
100
-9
-6
-3
0
3
6
9
12
15
18
21 24
27
30
GAIN (dB)
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
-4
-3
-2
-1
0
1
2
3
4
5
6
05
µs10µs
15
µs
20
µs
Time
GC1 command
Ouput Signal
measurement conditi ons: Vcc=
±6V, Rload=500Ω, Tamb=25°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com