Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS652 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS652
Description  DIFFERENTIAL VARIABLE GAIN AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS652 Datasheet(HTML) 4 Page - STMicroelectronics

  TS652 Datasheet HTML 1Page - STMicroelectronics TS652 Datasheet HTML 2Page - STMicroelectronics TS652 Datasheet HTML 3Page - STMicroelectronics TS652 Datasheet HTML 4Page - STMicroelectronics TS652 Datasheet HTML 5Page - STMicroelectronics TS652 Datasheet HTML 6Page - STMicroelectronics TS652 Datasheet HTML 7Page - STMicroelectronics TS652 Datasheet HTML 8Page - STMicroelectronics TS652 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TS652
4/9
DIGITAL INPUTS
SIMPLIFIED SCHEMATIC
The TS652 consists of two independent channels.
Each channel has two stages. The first is a very low noise digitally controlled variable gain amplifier (range
0 to 18dB).
The TS652 features a high input impedance and a low noise current. To minimize the overall noise figure,
the source impedance must be less than 3k
Ω.
This value gives an equal contribution of voltage and current noises.
The second stage is a gain/attenuation stage (+12dB to -9dB) featuring a low output impedance.
This output stage can drive loads as low as 500
Ω.
POWER DOWN MODE POSITION
Symbol
Parameter
Min.
Typ.
Max.
Unit
GC1, GC2, GC3
and GC4
Low Level
0
0.8
V
High Level
2
3.3
+
_
_
+
+
_
_
+
v
v
GAIN CONTROL
LOGIC DECODER
Input1
+
_
_
+
v
Input2
+Vcc2
Digital GND
(DGND)
Ouput2
Ouput1
+Vcc1
-Vcc
Analog GND
(AGND)
GC2
GC1
GC3
GC4
v
v
v
+Vcc
-Vcc
+Vcc
-Vcc
Power Down
Input
Output



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com