Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS652D Datasheet(PDF) 8 Page - STMicroelectronics

Part # TS652D
Description  DIFFERENTIAL VARIABLE GAIN AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS652D Datasheet(HTML) 8 Page - STMicroelectronics

  TS652D Datasheet HTML 1Page - STMicroelectronics TS652D Datasheet HTML 2Page - STMicroelectronics TS652D Datasheet HTML 3Page - STMicroelectronics TS652D Datasheet HTML 4Page - STMicroelectronics TS652D Datasheet HTML 5Page - STMicroelectronics TS652D Datasheet HTML 6Page - STMicroelectronics TS652D Datasheet HTML 7Page - STMicroelectronics TS652D Datasheet HTML 8Page - STMicroelectronics TS652D Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TS652
8/9
Output/Input Isolation in Power Down Mode vs.
Frequency
3rd Order Intermodulation
(2 tones : 180kHz and 280kHz)
3rd Order Intermodulation
(2 tones : 180kHz and 280kHz)
10kHz
100kHz
1MHz
10MHz
-110
-100
-90
-80
-70
-60
-50
Frequency
0
12345
Vout peak (V)
-90
-85
-80
-75
-70
80kHZ
380kHZ
640kHZ
740kHZ
01
2
345
Vout peak (V)
-90
-85
-80
-75
-70
60kHZ
90kHZ
220kHZ
230kHZ
measurement conditi ons: Vcc=
±6V, Rload=500Ω, Tamb=25°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com