Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS652D Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS652D
Description  DIFFERENTIAL VARIABLE GAIN AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS652D Datasheet(HTML) 5 Page - STMicroelectronics

  TS652D Datasheet HTML 1Page - STMicroelectronics TS652D Datasheet HTML 2Page - STMicroelectronics TS652D Datasheet HTML 3Page - STMicroelectronics TS652D Datasheet HTML 4Page - STMicroelectronics TS652D Datasheet HTML 5Page - STMicroelectronics TS652D Datasheet HTML 6Page - STMicroelectronics TS652D Datasheet HTML 7Page - STMicroelectronics TS652D Datasheet HTML 8Page - STMicroelectronics TS652D Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TS652
5/9
BANDWIDTH
The small signal bandwidth is almost constant for gains between +18dB to 0dB and is in the order of
52MHz to 70MHz respectively. For 30dB gain the bandwidth is around 18MHz.
The power bandwidth is typically equal to 30MHz for 2V peak to peak signals.
MAXIMUM INPUT LEVEL
The input level must not exceed the following values :
negative peak value: must be greater than -V
CC + 1.5V
positive peak value: must be less than +VCC - 1.5V
For example, if a +/-6V power supply is used, the input signal can swing between -4.5V and +4.5V.
These values are due to common mode input range limitations of the input stage of the first amplifier.
Some other limitations may occur, due to the slew rate of the first operational amplifier (typically in the or-
der of 300V/
µs). This means that the maximum input signal decreases at high frequency.
SINGLE SUPPLY OPERATION
The incoming signal is AC coupled to the inputs.
The TS652 can be used either with a dual or a single supply. If a single supply is used, the inputs are bi-
ased to the mid supply voltage (+V
CC/2). This bias network must be carefully designed, in order to reject
any noise present on the supply rail.
The AGND pin (9) must be connected to +V
CC/2. The bias current of the second stage (inverting structure)
is 8
µA for both amplifiers. A resistor divider structure can be used. Two resistances should be chosen by
considering 8
µA as the 1% of the total current through these resistances. For a single +12V supply volt-
age, two resistances of 7.5k
Ω can be used. The differential input consists of a high pass circuit, formed by
the 1
µF capacitor and a 1kΩ resistance and gives a break frequency of 160Hz.
SINGLE +12V SUPPLY OF THE TS652
+Vcc2
Input 1
Input 2
-Vcc
DGND
GC1
GC2
GC3
GC4
Output 1
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Output 2
AGND
Power Down
+Vcc1
10nF
1
µF
7.5k
7.5k
12V
10nF
1
µF
47k
47k
12V
1k
1k
IN+
IN-
10nF
100nF
10
µF
12V
10nF
100nF
1
µF
1
µF
TS652



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com