Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS555MP Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS555MP
Description  LOW POWER SINGLE CMOS TIMERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS555MP Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS555MP Datasheet HTML 2Page - STMicroelectronics TS555MP Datasheet HTML 3Page - STMicroelectronics TS555MP Datasheet HTML 4Page - STMicroelectronics TS555MP Datasheet HTML 5Page - STMicroelectronics TS555MP Datasheet HTML 6Page - STMicroelectronics TS555MP Datasheet HTML 7Page - STMicroelectronics TS555MP Datasheet HTML 8Page - STMicroelectronics TS555MP Datasheet HTML 9Page - STMicroelectronics TS555MP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
STATIC ELECTRICAL CHARACTERISTICS (continued)
VCC = +12V, Tamb = +25
oC, Reset to VCC (unless otherwise specified)
Symbol
Parameter
TS555C-TS555I-TS555M
Unit
Min.
Typ
Max.
ICC
Supply Current (no load, High and Low States)
Tamb =+25
oC
Tmin.
≤ T
amb
≤ T
max.
170
400
400
µA
VCL
Control Voltage
Tamb =+25
oC
Tmin.
≤ Tamb ≤ Tmax.
7.4
7.3
8
8.6
8.7
V
Vdis
Discharge Saturation Voltage (Idis = 80mA)
Tamb =+25
oC
Tmin.
≤ T
amb
≤ T
max.
0.09
1.6
2.0
V
VOL
Low Level Output Voltage (Isink = 50mA)
Tamb =+25
oC
Tmin.
≤ T
amb
≤ T
max.
1.2
2
2.8
V
VOH
High Level Output Voltage (Isource = -10mA)
Tamb =+25
oC
Tmin.
≤ T
amb
≤ T
max.
10.5
10.5
11
V
Vtrig
Trigger Voltage
Tamb =+25
oC
Tmin.
≤ T
amb
≤ T
max.
3.2
3.1
4
4.8
4.9
V
Itrig
Trigger Current
10
pA
ITH
Threshold Current
10
pA
Vreset
Reset Voltage
Tamb =+25
oC
Tmin.
≤ Tamb ≤ Tmax.
0.4
0.3
1.1
1.5
2.0
V
Ireset
Reset Current
10
pA
Idis
Discharge Pin Leakage Current
1
100
nA
TS555C,I,M
6/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com