Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS555MP Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS555MP
Description  LOW POWER SINGLE CMOS TIMERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS555MP Datasheet(HTML) 1 Page - STMicroelectronics

  TS555MP Datasheet HTML 1Page - STMicroelectronics TS555MP Datasheet HTML 2Page - STMicroelectronics TS555MP Datasheet HTML 3Page - STMicroelectronics TS555MP Datasheet HTML 4Page - STMicroelectronics TS555MP Datasheet HTML 5Page - STMicroelectronics TS555MP Datasheet HTML 6Page - STMicroelectronics TS555MP Datasheet HTML 7Page - STMicroelectronics TS555MP Datasheet HTML 8Page - STMicroelectronics TS555MP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TS555C,I,M
LOW POWER SINGLE CMOS TIMERS
January 1999
.
VERY LOW POWER CONSUMPTION :
.
100
µA typ at VCC =5V
.
HIGH MAXIMUM ASTABLE FREQUENCY
2.7MHz
.
PIN-TO-PIN AND FUNCTIONALLY
COMPATIBLE WITH BIPOLAR NE555
.
VOLTAGE RANGE : +2V to +18V
.
HIGH OUTPUT CURRENT CAPABILITY
.
SUPPLY
CURRENT
SPIKES
REDUCED
DURING OUTPUT TRANSITIONS
.
HIGH INPUT IMPEDANCE : 10
12 Ω
.
OUTPUT COMPATIBLE WITH TTL,CMOS
AND LOGIC MOS
N
DIP8
(Plastic Package)
D
SO8
(Plastic Micropackage)
1
2
3
4
8
7
6
5
GND
Trigger
Output
Reset
CC
Control
Voltage
V
Discharge
Threshold
PIN CONNECTIONS (top view)
ORDER CODES
Part Number
Temperature
Range
Package
ND
P
TS555C
0
oC, +70oC
qq
q
TS555I
-40, +125
oC
qq
q
TS555M
-55, +125
oC
qq
q
Examples : TS555CD , TS555IN
®
DESCRIPTION
The TS555 is a single CMOS timer which offers
very low consumption (Icc(TYP) TS555 = 100
µA
Icc(TYP) NE555 = 3mA) and high frequency
(f(max.) TS555 = 2.7MHz - f(max.) NE555 = 0.1 MHz)
Thus, either in Monostable or Astable mode, timing
remains very accurate.
The TS555 provides reduced supply current spikes
during output transitions, which enables the use of
lower decoupling capacitors compared to those
required by bipolar NE555.
Timing capacitors can also be minimized due to
high input impedance (10
12 Ω).
P
TSSOP8
(Thin Shrink Small Outline Package)
1/12


Similar Part No. - TS555MP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS555MPT STMICROELECTRONICS-TS555MPT Datasheet
234Kb / 20P
Low power single CMOS timer
03-Nov-2008
More results

Similar Description - TS555MP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3V555 STMICROELECTRONICS-TS3V555 Datasheet
74Kb / 8P
3V LOW POWER SINGLE TIMERS
Oct-1997
TS3V556 STMICROELECTRONICS-TS3V556 Datasheet
63Kb / 8P
3V LOW POWER DUAL TIMERS
May-2000
TS556C STMICROELECTRONICS-TS556C Datasheet
98Kb / 11P
LOW POWER DUAL CMOS TIMERS
Oct-1997
logo
Texas Instruments
INA331 TI-INA331 Datasheet
294Kb / 15P
Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
logo
STMicroelectronics
TS271 STMICROELECTRONICS-TS271 Datasheet
163Kb / 15P
CMOS PROGRAMMABLE LOW POWER SINGLE OPERATIONAL AMPLIFIER
Nov-2001
logo
Burr-Brown (TI)
INA332 BURR-BROWN-INA332 Datasheet
292Kb / 17P
Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
logo
Mitsubishi Electric Sem...
M58479P MITSUBISHI-M58479P Datasheet
235Kb / 4P
CMOS COUNTER/TIMERS
logo
STMicroelectronics
TS555 STMICROELECTRONICS-TS555 Datasheet
220Kb / 12P
LOW POWER SINGLE CMOS TIMER
Feb-2003
TS555CDT STMICROELECTRONICS-TS555CDT Datasheet
234Kb / 20P
Low power single CMOS timer
03-Nov-2008
TS555 STMICROELECTRONICS-TS555_V01 Datasheet
427Kb / 19P
Low-power single CMOS timer
24-Jun-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com