Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS555 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS555
Description  LOW POWER SINGLE CMOS TIMERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS555 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS555 Datasheet HTML 3Page - STMicroelectronics TS555 Datasheet HTML 4Page - STMicroelectronics TS555 Datasheet HTML 5Page - STMicroelectronics TS555 Datasheet HTML 6Page - STMicroelectronics TS555 Datasheet HTML 7Page - STMicroelectronics TS555 Datasheet HTML 8Page - STMicroelectronics TS555 Datasheet HTML 9Page - STMicroelectronics TS555 Datasheet HTML 10Page - STMicroelectronics TS555 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DYNAMIC ELECTRICAL CHARACTERISTICS
Tamb = +25
oC, Reset to VCC (unless otherwise specified)
Symbol
Parameter
TS555C-TS555I-TS555M
Unit
Min
Typ
Max
Timing Accuracy (Monostable) - (note 1)
R = 10k
Ω , C = 0.1µF
VCC =+ 2V
VCC =+ 5V
VCC = +12V
1
2
4
%
Timing Shift with supply voltage variations (Monostable)
R = 10k
Ω , C = 0.1µF, VCC = + 5V +/-1V
0.38
%/V
Timing Shift with temperature
Tmin.
≤ T
amb
≤ T
max.,VCC =+5V
75
ppm/
°C
fmax
Maximum astable frequency
RA = 470
Ω ,RB = 200Ω, C = 200pF , VCC = + 5V
2.7
MHz
Astable frequency accuracy - (note 2)
RA =RB =1k
Ω to 100kΩ,C = 0.1µF
VCC =+ 5V
VCC = + 12V
3
3
%
Timing Shift with supply voltage variations (Astable mode)
RA =RB =1k
Ω to 100kΩ, C = 0.1µF, V
CC = 5 to+ 12V
0.1
%/V
tr
Output Rise Time (VCC =+5V , Cload = 10pF)
25
ns
tf
Output Fall Time (VCC =+ 5V , Cload = 10pF)
20
-
ns
tpd
Trigger Propagation Delay (VCC = + 5V)
100
ns
trpw
Minimum Reset Pulse Width (Vtrig = + 5V)
350
ns
Notes : 1. See Figure 2
2. See Figure 4
TS555C,I,M
7/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com