Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS555 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TS555
Description  LOW POWER SINGLE CMOS TIMERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS555 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TS555 Datasheet HTML 4Page - STMicroelectronics TS555 Datasheet HTML 5Page - STMicroelectronics TS555 Datasheet HTML 6Page - STMicroelectronics TS555 Datasheet HTML 7Page - STMicroelectronics TS555 Datasheet HTML 8Page - STMicroelectronics TS555 Datasheet HTML 9Page - STMicroelectronics TS555 Datasheet HTML 10Page - STMicroelectronics TS555 Datasheet HTML 11Page - STMicroelectronics TS555 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
APPLICATION INFORMATION
MONOSTABLE OPERATION
In the monostable mode,the timer functions as a
one-shot. Referring to figure 2 the external capaci-
tor is initially held discharged by a transistor inside
the timer.
VCC
Reset
Trigger
Out
3
2
48
7
6
5
1
TS555
R
C
Control Voltage
0.01 F
µ
Figure 2
CC
SUPPLY VOLTAGE, V
(V)
300
200
100
04
8
12
16
TYPICAL CHARACTERISTICS
Figure 1 : Supply Current (each timer) versus
Supply Voltage
The circuit triggers on a negative-goinginput signal
when the level reaches 1/3 VCC. Once triggered,the
circuit remains in this state until the set time has
elapsed,even if it is triggered again during this
interval. The duration of the output HIGH state is
given by t = 1.1 R x C.
Notice that since the charge rate and the threshold
level of the comparator are both directly propor-
tional to supply voltage, the timing interval is inde-
pendent of supply. Applying a negative pulse
simultaneously to the Reset terminal (pin 4) and the
Trigger terminal (pin 2) during the timing cycle
discharges the external capacitor and causes the
cycle to start over. The timing cycle now starts on
the positive edge of the reset pulse. During the time
the reset pulse is applied, the output is driven to its
LOW state.
When a negative trigger pulse is applied to pin 2,
the flip-flop is set, releasing the short circuit across
the external capacitor and driving the output HIGH.
The voltage across the capacitor increases expo-
nentially with the time constant
τ =R x C.
When the voltage across the capacitor equals 2/3
VCC, the comparator resets the flip-flop which then
discharges the capacitor rapidly and drives the
output to its LOW state.
Figure 3 shows the actual waveforms generated in
this mode of operation.
When Reset is not used, it should be tied high to
avoid any possible or false triggering.
CAPACITOR VOLTAGE = 2.0V/div
µ
t = 0.1 ms / div
INPUT = 2.0V/div
OUTPUT VOLTAGE = 5.0V/div
R = 9.1k , C = 0.01 F , R = 1.0k
L
Figure 3
TS555C,I,M
8/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com