Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS7514CP Datasheet(PDF) 12 Page - STMicroelectronics

Part # TS7514CP
Description  PROGRAMMABLE V.23 MODEM WITH DTMF
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS7514CP Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TS7514CP Datasheet HTML 8Page - STMicroelectronics TS7514CP Datasheet HTML 9Page - STMicroelectronics TS7514CP Datasheet HTML 10Page - STMicroelectronics TS7514CP Datasheet HTML 11Page - STMicroelectronics TS7514CP Datasheet HTML 12Page - STMicroelectronics TS7514CP Datasheet HTML 13Page - STMicroelectronics TS7514CP Datasheet HTML 14Page - STMicroelectronics TS7514CP Datasheet HTML 15Page - STMicroelectronics TS7514CP Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
DC AND OPERATING CHARACTERISTICS (continued)
Electrical characteristics are guaranteed over the complete temperature range, with typical load unless
otherwise specified. Typical values are given for : V
+ =+5V, V− = -5V and room temperature = 25oC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ANALOG INTERFACE - LINE MONITOR ING (WLO (load conditions , RL = 10k
Ω,CL = 50pF)
VOS
Output Offset Voltage
– 250
–
+ 250
mV
CL
Load Capacitance
–
–
100
pF
RL
Load Resistance
10
–
–
k
Ω
Vout
Output Voltage Swing
– 1.8
–
+ 1.8
V
Rout
Output Resistance
–
–
15
Ω
–
WLO Attenuation Ratio
70
–
–
dB
ANALOG INTERFACE - DUPLEXER (RAI+, RAI-, RA0)
Vin
Input Voltage Range RAI+, RAI–
–2
–
+2
V
lin
Input Current RAI+, RAI–
–10
–
+10
µA
Cin
Input Capacitance RAI+, RAI–
–
–
10
pF
Voff
Input Offset Voltage RAI+, RAI–
–20
–
+20
mV
Vout
Output voltage Swing, RA0
CL = 100pF
RL = 600
Ω
RL = 300
Ω
–1.8
–0.9
–
–
+1.8
+0.9
V
V
CL
Load Capacitance RA01
CL = 100pF
–
–
100
pF
RL
Load Resistance RA01
300
–
–
Ω
G
DC voltage Gain in Large Signals, RA01
CL = 100pF, RL = 300
Ω
60
–
–
dB
CMRR
Common Mode Rejection Ratio, RA01, RA02
60
–
–
dB
PSRR
Supply Voltage Rejection Ratio, RA01, RA02
60
–
–
dB
Vout
Output Voltage Swing, RA02
CL = 50pF, RL = 10k
Ω
–2.5
–
2.5
pF
CL
Load Capacitance, RA02
–
–
50
pF
RL
Load Resistance, RA02
10
–
–
k
Ω
AVO
DC Voltage Gain in Large Signals, RA02
–
–
dB
ANALOG INTERFACE-RECEIVE FILTER OUTPUT (RFO)
Amplifier Limiter Input (RDI)
Vin
Input Voltage Range (RPRF = 1 xxx)
– 2.2
–
+ 2.2
V
Rin
Input Resistance (RPRF = 1 xxx)
1.5
–
–
k
Ω
Cin
Input Capacitance (RPRF = 1 xxx)
–
–
20
pF
CL
Load Capacitance (RPRF = 1 xxx)
–
–
50
pF
RL
Load Resistance
1.5
–
–
k
Ω
Vout
Output Voltage Swing
CL = 50pF, RL = 1.5k
Ω
– 1.8
–
+ 1.8
V
Rout
Output Resistance
–
–
15
Ω
DYNAMIC CHARACTERISTICS FOR PROGRAMMING REGISTER ACCESS (see Figures 5 and 6)
tCYC (1)
Cycle Time
600
–
–
ns
Pwel (2)
Pulse Width, RTS Low
300
–
–
ns
PWeh (3)
Pulse Width, RTS High
300
–
–
ns
tr,tf (4)
RTS Rise and Fall Times
–
–
50
ns
tHCE (5)
Control Input Holding Time
100
–
–
ns
tSCE (6)
Control Input Setup Time
300
–
–
ns
tSDI (7)
TxD or PRD Input Setup Time
200
–
–
ns
tHDI (8)
TxD or PRD Input Hold Time
100
–
–
ns
tWW (9)
TWW Input Writing Inpulsion Width (high level)
300
–
–
ns
tBD (10)
TxD Input Setup Time
100
–
–
ns
tHD (11)
TxD Input Hold Time
100
–
–
ns
TS7514
12/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com