Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS7514CP Datasheet(PDF) 13 Page - STMicroelectronics

Part # TS7514CP
Description  PROGRAMMABLE V.23 MODEM WITH DTMF
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS7514CP Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TS7514CP Datasheet HTML 9Page - STMicroelectronics TS7514CP Datasheet HTML 10Page - STMicroelectronics TS7514CP Datasheet HTML 11Page - STMicroelectronics TS7514CP Datasheet HTML 12Page - STMicroelectronics TS7514CP Datasheet HTML 13Page - STMicroelectronics TS7514CP Datasheet HTML 14Page - STMicroelectronics TS7514CP Datasheet HTML 15Page - STMicroelectronics TS7514CP Datasheet HTML 16Page - STMicroelectronics TS7514CP Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
DC AND OPERATING CHARACTERISTICS (continued)
Electrical characteristics are guaranteed over the complete temperature range, with typical load unless
otherwise specified. Typical values are given for : V
+ =+5V, V= -5V and room temperature = 25oC
Symbol
Parameter
Test Conditions
Min.
Typ. Max.
Unit
TRANSMIT FILTER TRANSFER FUNCTION (load conditions : RL = 560
Ω,CL = 100pF)
GAR
Absolute Gain at 2100Hz
0
dB
GHH
Gain Relative to Gain at 1700Hz
Band-pass
< 390Hz
= 390Hz
= 450Hz
= 1100Hz
Band-pass or Low-pass
1100Hz to 2300Hz
3300Hz
5800Hz
> 16000Hz
- 0.5
- 0.5
–3
-30
-35
-35
+0.5
+0.5
-15
-35
dB
dB
dB
dB
dB
dB
dB
dB
DAR
Group Delay (modem transmission)
Main Channel : from 380 to 460Hz
Back Channel : from 1100 to 2300Hz
90
1.04
110
1.08
µs
ms
ATTENUATOR TRANSFER FUNCTION
ATT
Absolute Gain for 0dB Programmed
0.3
0
0.3
dB
RAT
Attenuation Relative to Programmed Value
Attenuation for Programmed Value =
- 0.5
70
-
-
+0.5
dB
dB
RLT
Relative Attenuation between two Consecutive Steps
0.8
-
1.2
dB
TRANSMIT GENERAL CHARACTERISTICS
Modem Amplitude (Att = 0dB)
390Hz
450Hz
1300Hz
2100Hz
+3.5
+3.5
+3.5
+3.5
+4.5
+4.5
+4.5
+4.5
dBm
dBm
dBm
dBm
DTMF Amplitude (Att = 0dB)
- Low Frequency Group
- Low Frequency Group versus Low Frequency Group
-3
+1.5
- 1.5
+2.5
dBm
dB
Psophometric Noise
250
µV
RECEIVE FILTER TRANSFER FUNCTION
GAR
Absolute Gain at 1100Hz - Main Channel
(0dB programmed)
– 0.5
+ 0.5
dB
GRR
Gain Relative to the Gain at 1300Hz
(0dB programmed)
< 150Hz
150Hz to 450Hz
1300Hz
2100Hz
2300Hz
5500Hz to 10000Hz
> 10000Hz
– 0.5
1.1
1.8
–60
–50
0.5
2.3
2.7
–50
–60
dB
dB
dB
dB
dB
dB
dB
GAR
Absolute Gain at 420Hz
(back channel - narrow band) (0dB programmed)
0.5
+ 0.5
dB
GRR
Gain Relative to Gain at 420Hz (0dB programmed)
< 150Hz
380Hz
400Hz to 440Hz
460Hz
1100Hz to 10000Hz
> 10000Hz
– 0.5
–50
+ 0.5
+ 0.5
+ 0.5
–50
–60
dB
dB
dB
dB
dB
dB
GAR
Absolute Gain at 425Hz (tone detection or back
channel wide band) (0dB programmed)
– 0.5
+ 0.5
dB
GRR
Gain Relative to Gain at 425Hz (0dB programmed)
< 112Hz
275Hz
300Hz to 525Hz
575Hz
1375Hz to 10000Hz
> 10000Hz
– 0.5
–50
+ 0.5
+ 0.5
+ 0.5
–50
–60
dB
dB
dB
dB
dB
dB
Psophometric Noise
300
µV
TS7514
13/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com