Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS822 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS822
Description  2.5V MICROPOWER SHUNT VOLTAGE REFERENCE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS822 Datasheet(HTML) 7 Page - STMicroelectronics

  TS822 Datasheet HTML 1Page - STMicroelectronics TS822 Datasheet HTML 2Page - STMicroelectronics TS822 Datasheet HTML 3Page - STMicroelectronics TS822 Datasheet HTML 4Page - STMicroelectronics TS822 Datasheet HTML 5Page - STMicroelectronics TS822 Datasheet HTML 6Page - STMicroelectronics TS822 Datasheet HTML 7Page - STMicroelectronics TS822 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TS822
7/8
PACKAGE MECHANICAL DATA
3 PINS - PLASTIC PACKAGE TO-92
Dim.
Millim eters
Inches
Min
Typ.
Max.
Min.
Typ.
Max.
L
1.27
0.05
B
3.2
3.7
4.2
0.126
0.1457
0.1654
O1
4.45
5.00
5.2
0.1752
0.1969
0.2047
C
4.58
5.03
5.33
0.1803
0.198
0.2098
K
12.7
0.5
O2
0.407
0.5
0.508
0.016
0.0197
0.02
a
0.35
0.0138



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com