Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS822 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS822
Description  2.5V MICROPOWER SHUNT VOLTAGE REFERENCE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS822 Datasheet(HTML) 4 Page - STMicroelectronics

  TS822 Datasheet HTML 1Page - STMicroelectronics TS822 Datasheet HTML 2Page - STMicroelectronics TS822 Datasheet HTML 3Page - STMicroelectronics TS822 Datasheet HTML 4Page - STMicroelectronics TS822 Datasheet HTML 5Page - STMicroelectronics TS822 Datasheet HTML 6Page - STMicroelectronics TS822 Datasheet HTML 7Page - STMicroelectronics TS822 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TS822
4/8
Reference voltage versus cathode current
-0.5
0
0.5
1
1.5
2
2.5
Cathode voltage (V)
-5
0
5
10
15
Testcircuit
Vin
Ik=(Vin-Vref)/R
Vout=Vref
R
Static impedance (Rka) versus
temperature
-40
-20
0
20
40
60
80
Temperature (
°C)
0
0.05
0.1
0.15
0.2
Minimum operating current
020
40
Cathode current (
µA)
0
0.5
1
1.5
2
2.5
3
T=+85
°C
T=-40
°C
T=+25
°C
Reference voltage versus Temperature
-40
-20
0
2040
6080
Temperature (
°C)
2.44
2.46
2.48
2.5
2.52
2.54
2.56
+2%
-2%
-1%
+1%
Noise voltage versus Frequency
0.1
1.0
10.0
100.0
1000.0
Frequency (KHz)
0
500
1000
1500
CL=10
µF
CL=0
CL=100
µF
CL=100nF
CL=1
µF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com