Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS822Z Datasheet(PDF) 8 Page - STMicroelectronics

Part # TS822Z
Description  2.5V MICROPOWER SHUNT VOLTAGE REFERENCE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS822Z Datasheet(HTML) 8 Page - STMicroelectronics

  TS822Z Datasheet HTML 1Page - STMicroelectronics TS822Z Datasheet HTML 2Page - STMicroelectronics TS822Z Datasheet HTML 3Page - STMicroelectronics TS822Z Datasheet HTML 4Page - STMicroelectronics TS822Z Datasheet HTML 5Page - STMicroelectronics TS822Z Datasheet HTML 6Page - STMicroelectronics TS822Z Datasheet HTML 7Page - STMicroelectronics TS822Z Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
TS822
8/8
Inform ation furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibil ity for the
consequences of use of such inform ation nor for any infring ement of patents or other righ ts of third parties which may result from
its use. No license is granted by implication or oth erwise under any patent or patent rights of STMicroelectronics. Specifications
mentioned in this publica tion are subject to change witho ut notice. This publ ication supersedes and replaces all inform ation
previously supplied. STMicroelectronics products are not authorized for use as critical components in life suppo rt devices or
systems withou t express written approval of STMicroelectronics.
© The ST logo is a registered trademark of STMicroelectronics
© 2000 STMicroelectronics - Printed in Italy - All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco
Singapore - Spain - Sweden - Switzerland - United Kingdom
© http://www. st.com
PACKAGE MECHANICAL DATA
3 PINS - TINY PACKAGE (SOT-23)
Dim.
Millim eters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.>
A
0.85
1.1
33.4
43.3
B
0.65
0.95
25.6
37.4
C
1.20
1.4
47.2
55.1
D
2.80
3
110.2
118
E
0.95
1.05
37.4
41.3
F
1.9
2.05
74.8
80.7
G
2.1
2.5
82.6
98.4
H
0.38
0.48
14.9
18.8
L
0.3
0.6
11.8
23.6
M
0
0.1
0
3.9
N
0.3
0.65
11.8
25.6
O
0.09
0.17
2.5
6.7
B
E
S
e
e1
A
D
c
L
H
A1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com