Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS822Z Datasheet (PDF) - STMicroelectronics

TS822Z Datasheet PDF - STMicroelectronics
Part # TS822Z
Download  TS822Z Download
File Size   64.47 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2.5V MICROPOWER SHUNT VOLTAGE REFERENCE

TS822Z Datasheet (PDF)

Go To PDF Page Download Datasheet
TS822Z Datasheet PDF - STMicroelectronics

Part # TS822Z
Download  TS822Z Click to download

File Size   64.47 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2.5V MICROPOWER SHUNT VOLTAGE REFERENCE

TS822Z Datasheet (HTML) - STMicroelectronics


TS822Z Product details

DESCRIPTION
The TS822 is a low power shunt voltage reference providing a stable 2.5V output voltage over the industrial temperature range (-40 to +85°C). Availabe in SOT23-3 surface mount package, it can be designed in applications where space saving is a critical issue.
The low operating current is a key advantage for power restricted designs. In addition, the TS822 is very stable and can be used in a broad range of application conditions.

■ 2.50V TYP. OUTPUT VOLTAGE
■ ULTRA LOW CURRENT CONSUMPTION:
   40µA TYP.
■ HIGH PRECISION @ 25°C
   ±2% (Standard version)
   ±1% (A grade)
■ HIGH STABILITY WHEN USED WITH CAPACITICE LOAD
■ INDUSTRIAL TEMPERATURE RANGE:
   -40 to +85°C
■ 100ppm/°C MAXIMUM TEMPERATURE COEFFICIENT

APPLICATION
■ Computers
■ Instrumentation
■ Battery chargers
■ Switch Mode Power Supply
■ Battery operated equipments




Similar Part No. - TS822Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS822 STMICROELECTRONICS-TS822 Datasheet
142Kb / 9P
2.5V micropower shunt voltage reference
20-Aug-2007
TS822AILT STMICROELECTRONICS-TS822AILT Datasheet
142Kb / 9P
2.5V micropower shunt voltage reference
20-Aug-2007
TS822ILT STMICROELECTRONICS-TS822ILT Datasheet
142Kb / 9P
2.5V micropower shunt voltage reference
20-Aug-2007
TS822 STMICROELECTRONICS-TS822_07 Datasheet
142Kb / 9P
2.5V micropower shunt voltage reference
20-Aug-2007
More results


Similar Description - TS822Z

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4431 NSC-LM4431 Datasheet
130Kb / 8P
Micropower Shunt Voltage Reference
logo
STMicroelectronics
TS4040 STMICROELECTRONICS-TS4040 Datasheet
228Kb / 10P
2.5V MICROPOWER SHUNT VOLTAGE REFERENCE
Mar-2002
logo
Sipex Corporation
SPX4040 SIPEX-SPX4040 Datasheet
154Kb / 8P
Precision Micropower 2.5V Shunt Voltage Reference
logo
Advanced Monolithic Sys...
AMS4040 ADMOS-AMS4040 Datasheet
60Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS4041 ADMOS-AMS4041 Datasheet
61Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS255 ADMOS-AMS255_05 Datasheet
83Kb / 4P
MICROPOWER SHUNT VOLTAGE REFERENCE
logo
STMicroelectronics
TS822 STMICROELECTRONICS-TS822_07 Datasheet
142Kb / 9P
2.5V micropower shunt voltage reference
20-Aug-2007
TS4040 STMICROELECTRONICS-TS4040_07 Datasheet
140Kb / 9P
2.5V micropower shunt voltage reference
20-Aug-2007
logo
Advanced Monolithic Sys...
AMS4041 ADMOS-AMS4041_1 Datasheet
61Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Texas Instruments
LM4431 TI-LM4431_15 Datasheet
845Kb / 14P
Micropower Shunt Voltage Reference
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com