Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS831 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS831
Description  MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS831 Datasheet(HTML) 2 Page - STMicroelectronics

  TS831 Datasheet HTML 1Page - STMicroelectronics TS831 Datasheet HTML 2Page - STMicroelectronics TS831 Datasheet HTML 3Page - STMicroelectronics TS831 Datasheet HTML 4Page - STMicroelectronics TS831 Datasheet HTML 5Page - STMicroelectronics TS831 Datasheet HTML 6Page - STMicroelectronics TS831 Datasheet HTML 7Page - STMicroelectronics TS831 Datasheet HTML 8Page - STMicroelectronics TS831 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TS831
2/11
ABSOLUTE MAXIMUM RATINGS
OPERATING CONDITIONS
TS831-5
ELECTRICAL CHARACTERISTICS Tamb = 25
°C (unless otherwise specified)
Symbol
Parameter
Value
Unit
V
CC
Supply Voltage 1)
7V
Vout
Output Voltage
-0.3 to Vcc + 0.3
V
Iout
Output Sink Current
TS831-5 and TS831-4
TS831-3
20
5
mA
Pd
Power Dissipation 2)
TO92
SO8
TSSOP8
625
700
625
mW
I
F
Clamp Diode Forward Current, pin 1 to pin 2 3)
100
mA
Toper
Operating Free Air Temperature Range
-40 to +85
°C
Tstg
Storage Temperature
-65 to +150
°C
1. All voltages values, except differential voltage are with respect to network ground terminal.
2. Tj = 150°C, Tamb =25
oC with Rthja = 200oC/W for TO-92 package
Rthja = 175
oC/W for SO8 package
Rthja = 200
oC/W for TSSOP8 package
3. Maximum package power dissipation limit s must be observed.
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
1 to 5.5
V
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vthi
Threshold Voltage - V
CC Increasing
-40
°C ≤ Tamb ≤ +85°C
-40
°C ≤ Tamb ≤ +125°C
4.10
4.10
4.33
4.46
4.50
V
V
thd
Threshold Voltage - V
CC Decreasing
-40
°C ≤ Tamb ≤ +85°C
-40
°C ≤ Tamb ≤ +125°C
4.10
4.06
4.21
4.46
4.46
V
V
hys
Hysteresis Voltage
50
100
200
mV
ICC
Current Consumption
VCC =5V
12
µA
VOL
Low Level Output Voltage
VCC =4V, IOL = 8mA
-40
°C ≤ Tamb ≤ +85°C
-40
°C ≤ Tamb ≤ +125°C
450
800
1000
1300
mV
IOH
Low Level Output Voltage
VCC =5V
-40
°C ≤ Tamb ≤ +125°C
2
100
1000
nA
tphl
Response Time High to Low
RL = 10kΩ,CL = 15pF, VCC =Vthd -10mV
20
µs
Note : Limits are 100% production tested at 25
°C. Limits over temperature are guaranteed through correlation and by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com