Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS831 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS831
Description  MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS831 Datasheet(HTML) 3 Page - STMicroelectronics

  TS831 Datasheet HTML 1Page - STMicroelectronics TS831 Datasheet HTML 2Page - STMicroelectronics TS831 Datasheet HTML 3Page - STMicroelectronics TS831 Datasheet HTML 4Page - STMicroelectronics TS831 Datasheet HTML 5Page - STMicroelectronics TS831 Datasheet HTML 6Page - STMicroelectronics TS831 Datasheet HTML 7Page - STMicroelectronics TS831 Datasheet HTML 8Page - STMicroelectronics TS831 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TS831
3/11
TS831-4
ELECTRICAL CHARACTERISTICS Tamb = 25
°C (unless otherwise specified)
TS831-3
ELECTRICAL CHARACTERISTICS Tamb = 25
°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
V
thi
Threshold Voltage - V
CC Increasing
-40
°C ≤ Tamb ≤ +85°C
-40
°C ≤ Tamb ≤ +125°C
4.17
4.10
4.50
4.66
4.70
V
V
thd
Threshold Voltage - V
CC Decreasing
-40
°C ≤ Tamb ≤ +85°C
-40
°C ≤ Tamb ≤ +125°C
4.17
4.13
4.40
4.66
4.66
V
Vhys
Hysteresis Voltage
50
100
200
mV
ICC
Current Consumption
VCC =5V
12
µA
VOL
Low Level Output Voltage
VCC =4V, IOL = 8mA
-40
°C ≤ Tamb ≤ +85°C
-40
°C ≤ Tamb ≤ +125°C
450
800
1000
1300
mV
IOH
Low Level Output Voltage
VCC =5V
-40
°C ≤ Tamb ≤ +125°C
2
100
1000
nA
tphl
Response Time High to Low
R
L = 10kΩ,CL = 15pF, VCC =Vthd -10mV
20
µs
Note : Limits are 100% production tested at 25
°C. Limits over temperature are guaranteed through correlation and by design.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vthi
Threshold Voltage - VCC Increasing
-40
°C ≤ Tamb ≤ +125°C
2.55
2.71
2.8
V
Vthd
Threshold Voltage - VCC Decreasing
-40
°C ≤ Tamb ≤ +125°C
2.55
2.65
2.8
V
Vhys
Hysteresis Voltage
30
60
100
mV
I
CC
Current Consumption
V
CC =3V
12
µA
VOL
Low Level Output Voltage
VCC = 2.4V, IOL = 1mA
-40
°C ≤ Tamb ≤ +125°C
140
400
500
mV
IOH
Low Level Output Voltage
VCC =3V
-40
°C ≤ Tamb ≤ +125°C
2
100
1000
nA
tphl
Response Time High to Low
RL = 10kΩ,CL = 15pF, VCC =Vthd -10mV
20
µs
Note : Limits are 100% production tested at 25
°C. Limits over temperature are guaranteed through correlation and by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com