Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3003 Datasheet(PDF) 23 Page - Maxim Integrated Products

Part # MAX3003
Description  1.2V to 5.5V, ±15kV ESD-Protected, 0.1μA,35Mbps, 8-Channel Level Translators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3003 Datasheet(HTML) 23 Page - Maxim Integrated Products

Back Button MAX3003 Datasheet HTML 17Page - Maxim Integrated Products MAX3003 Datasheet HTML 18Page - Maxim Integrated Products MAX3003 Datasheet HTML 19Page - Maxim Integrated Products MAX3003 Datasheet HTML 20Page - Maxim Integrated Products MAX3003 Datasheet HTML 21Page - Maxim Integrated Products MAX3003 Datasheet HTML 22Page - Maxim Integrated Products MAX3003 Datasheet HTML 23Page - Maxim Integrated Products MAX3003 Datasheet HTML 24Page - Maxim Integrated Products MAX3003 Datasheet HTML 25Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
+1.2V to +5.5V, ±15kV ESD-Protected, 0.1µA,
35Mbps, 8-Channel Level Translators
______________________________________________________________________________________
23
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
VL
O VL1
O VL2
O VL3
O VL4
O VL5
O VL6
I VL7
I VL8
EN
12
11
9
10
O VCC8
O VCC7
I VCC6
I VCC5
I VCC4
I VCC3
I VCC2
VCC
I VCC1
GND
MAX3010
TSSOP
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
VL
O VL1
O VL2
O VL3
O VL4
O VL5
O VL6
O VL7
I VL8
EN
12
11
9
10
O VCC8
I VCC7
I VCC6
I VCC5
I VCC4
I VCC3
I VCC2
VCC
I VCC1
GND
MAX3011
TSSOP
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
VL
O VL1
O VL2
O VL3
O VL4
O VL5
O VL6
O VL7
O VL8
EN
12
11
9
10
I VCC8
I VCC7
I VCC6
I VCC5
I VCC4
I VCC3
I VCC2
VCC
I VCC1
GND
MAX3012
TSSOP
TOP VIEW
Pin Configurations (continued)
Ordering Information (continued)
*
Future product—contact factory for availability.
-T = Tape-and-reel package.
PART
TEMP RANGE
PIN-PACKAGE
MAX3001EEUP
-40°C to +85°C
20 TSSOP
MAX3001EEBP-T*
-40°C to +85°C
4 x 5 UCSP
MAX3001EETP
-40°C to +85°C
20 TQFN
MAX3001EAUP
-40°C to +125°C
20 TSSOP
MAX3002EUP
-40°C to +85°C
20 TSSOP
MAX3002EBP-T*
-40°C to +85°C
4 x 5 UCSP
MAX3002ETP
-40°C to +85°C
20 TQFN
MAX3003EUP
-40°C to +85°C
20 TSSOP
MAX3003EBP-T*
-40°C to +85°C
4 x 5 UCSP
MAX3003ETP
-40°C to +85°C
20 TQFN
MAX3004EUP
-40°C to +85°C
20 TSSOP
MAX3004EBP-T*
-40°C to +85°C
4 x 5 UCSP
MAX3005EUP
-40°C to +85°C
20 TSSOP
MAX3005EBP-T*
-40°C to +85°C
4 x 5 UCSP
MAX3006EUP
-40°C to +85°C
20 TSSOP
MAX3006EBP-T*
-40°C to +85°C
4 x 5 UCSP
PART
TEMP RANGE
PIN-PACKAGE
MAX3007EUP
-40°C to +85°C
20 TSSOP
MAX3007EBP-T*
-40°C to +85°C
4 x 5 UCSP
MAX3008EUP
-40°C to +85°C
20 TSSOP
MAX3008EBP-T*
-40°C to +85°C
4 x 5 UCSP
MAX3009EUP
-40°C to +85°C
20 TSSOP
MAX3009EBP-T*
-40°C to +85°C
4 x 5 UCSP
MAX3010EUP
-40°C to +85°C
20 TSSOP
MAX3010EBP-T*
-40°C to +85°C
4 x 5 UCSP
MAX3011EUP
-40°C to +85°C
20 TSSOP
MAX3011EBP-T*
-40°C to +85°C
4 x 5 UCSP
MAX3012EUP
-40°C to +85°C
20 TSSOP
MAX3012EBP-T*
-40°C to +85°C
4 x 5 UCSP
Chip Information
TRANSISTOR COUNT: 1184
PROCESS: BiCMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com