Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3003 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3003
Description  1.2V to 5.5V, ±15kV ESD-Protected, 0.1μA,35Mbps, 8-Channel Level Translators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3003 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3003 Datasheet HTML 1Page - Maxim Integrated Products MAX3003 Datasheet HTML 2Page - Maxim Integrated Products MAX3003 Datasheet HTML 3Page - Maxim Integrated Products MAX3003 Datasheet HTML 4Page - Maxim Integrated Products MAX3003 Datasheet HTML 5Page - Maxim Integrated Products MAX3003 Datasheet HTML 6Page - Maxim Integrated Products MAX3003 Datasheet HTML 7Page - Maxim Integrated Products MAX3003 Datasheet HTML 8Page - Maxim Integrated Products MAX3003 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
+1.2V to +5.5V, ±15kV ESD-Protected, 0.1µA,
35Mbps, 8-Channel Level Translators
4
_______________________________________________________________________________________
TIMING CHARACTERISTICS
(VCC = +1.65V to +5.5V, VL = +1.2V to VCC, EN = VL (MAX3000E/MAX3001E/MAX3002/MAX3004–MAX3012), EN A/B = VL or 0
(MAX3003), TA = TMIN to TMAX. Typical values are at VCC = +1.65V, VL = +1.2V, and TA = +25°C.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RS = 50
Ω, CVCC = 50pF, MAX3000E,
Figures 1a, 1b
400
800
1200
RS = 50
Ω, CVCC = 50pF, MAX3001E,
Figures 1a, 1b
25
50
I/O VCC_ Rise Time
tRVCC
RS = 50
Ω, CVCC = 50pF,
MAX3002–MAX3012, Figures 1a, 1b
15
ns
RS = 50
Ω, CVCC = 50pF, MAX3000E,
Figures 1a, 1b
400
800
1200
RS = 50
Ω, CVCC = 50pF, MAX3001E,
Figures 1a, 1b
25
50
I/O VCC_ Fall Time
tFVCC
RS = 50
Ω, CVCC = 50pF,
MAX3002–MAX3012, Figures 1a, 1b
15
ns
RS = 50
Ω, CVL = 50pF, MAX3000E,
Figures 2a, 2b
400
800
1200
RS = 50
Ω, CVL = 50pF, MAX3001E,
Figures 2a, 2b
25
50
I/O VL_ Rise Time
tRVL
RS = 50
Ω, CVL = 15pF,
MAX3002–MAX3012, Figures 2a, 2b
15
ns
RS = 50
Ω, CVL = 50pF, MAX3000E,
Figures 2a, 2b
400
800
1200
RS = 50
Ω, CVL = 50pF, MAX3001E,
Figures 2a, 2b
25
65
I/O VL_ Fall Time
tFVL
RS = 50
Ω, CVL = 15pF,
MAX3002–MAX3012, Figures 2a, 2b
15
ns
RS = 50
Ω, CVCC = 50pF, MAX3000E,
Figures 1a, 1b
1000
RS = 50
Ω, CVCC = 50pF, MAX3001E,
Figures 1a, 1b
50
Propagation Delay
(Driving I/O VL_)
I/OVL-VCC
RS = 50
Ω, CVCC = 50pF,
MAX3002–MAX3012, Figures 1a, 1b
20
ns
RS = 50
Ω, CVL = 50pF, MAX3000E,
Figures 2a, 2b
1000
RS = 50
Ω, CVL = 50pF, MAX3001E,
Figures 2a, 2b
50
Propagation Delay
(Driving I/O VCC_)
I/OVCC-VL
RS = 50
Ω, CVL = 15pF,
MAX3002–MAX3012, Figures 2a, 2b
20
ns
Note 1: All units are 100% production tested at TA = +25°C. Limits over the operating temperature range are guaranteed by design
and not production tested.
Note 2: For normal operation, ensure that VL < VCC. During power-up, VL > VCC does not damage the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com