Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS834 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS834
Description  MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW OR HIGH WITH INTEGRATED TIMER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS834 Datasheet(HTML) 2 Page - STMicroelectronics

  TS834 Datasheet HTML 1Page - STMicroelectronics TS834 Datasheet HTML 2Page - STMicroelectronics TS834 Datasheet HTML 3Page - STMicroelectronics TS834 Datasheet HTML 4Page - STMicroelectronics TS834 Datasheet HTML 5Page - STMicroelectronics TS834 Datasheet HTML 6Page - STMicroelectronics TS834 Datasheet HTML 7Page - STMicroelectronics TS834 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TS834
2/8
OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
V
CC
Supply Voltage
1.5 to 5.5
V
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
V
CC
Supply Voltage - note 1
7
V
V
out
Output Voltage - note 1
-0.3 to V
CC + 0.3
V
I
out
Output Current
20
mA
Pd
Power Dissipation - note 2
SO8
DIP8
TSSOP8
700
1200
625
mW
T
oper
Operating Free Air Temperature Range
-40 to +85
oC
T
stg
Storage Temperature
-65 to +150
oC
Note:
1.
All voltages values, except differential voltage are with respect to network ground terminal.
2.
T
j = 150
oC, T
amb =25
oC with R
thja = 175
oC/W for SO8 package
R
thja = 100
oC/W for DIP8 package
R
thja = 200
oC/W for TSSOP8 package
TS834-5
ELECTRICAL CHARACTERISTICS T
amb =25
oC (unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
V
thi
Threshold Voltage
V
CC Increasing
T
amb =25
oC
-40
≤ T
amb ≤ +85
oC
4.10
4.33
4.46
V
V
thd
Threshold Voltage
V
CC Decreasing
T
amb =25
oC
-40
≤ T
amb ≤ +85
oC
4.10
4.23
4.46
V
V
hys
Hysteresis Voltage
50
100
200
mV
I
CC
Current Consumption
V
CC =5V
12
µA
V
OL1
Low Level Output Voltage
(OUTPUT 1)
V
CC = 4V, IOL = 8mA,
-40
≤ T
amb ≤ +85
oC
450
800
1000
mV
V
OL2
Low Level Output Voltage
(OUTPUT 2)
V
CC = 5V, IOL = 8mA,
-40
≤ T
amb ≤ +85
oC
450
800
1000
mV
I
OH1
Output Off-state Leakage current
(OUTPUT 1)
V
CC =5V
-40
≤ T
amb ≤ +85
oC
240
1000
nA
I
OH2
Output Off-state Leakage current
(OUTPUT 2)
V
CC =4V
-40
≤ T
amb ≤ +85
oC
240
1000
nA
tphl
Response Time High to Low
R
L = 10kΩ,CL = 15pF
V
CC =Vthd -10mV
20
µs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com