Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS834 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS834
Description  MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW OR HIGH WITH INTEGRATED TIMER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS834 Datasheet(HTML) 1 Page - STMicroelectronics

  TS834 Datasheet HTML 1Page - STMicroelectronics TS834 Datasheet HTML 2Page - STMicroelectronics TS834 Datasheet HTML 3Page - STMicroelectronics TS834 Datasheet HTML 4Page - STMicroelectronics TS834 Datasheet HTML 5Page - STMicroelectronics TS834 Datasheet HTML 6Page - STMicroelectronics TS834 Datasheet HTML 7Page - STMicroelectronics TS834 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
TS834
MICROPOWER VOLTAGE SUPERVISOR
RESET ACTIVE LOW OR HIGH WITH INTEGRATED TIMER
November 1999
N
DIP8
(Plastic Package)
®
.
ULTRA LOW POWER CONSUMPTION : 12
µA
max. @ V
CC =5V
.
BOTH ACTIVE HIGH AND ACTIVE LOW
OUTPUTS
.
RESET TIMER WITH DISABLE FUNCTION
.
PRECISION RESET THRESHOLD (guaran-
teed over Temperature)
.
4.33V typ. THRESHOLD VOLTAGE
GUARANTEED RESET OPERATION DOWN
TO 1.5V
.
OPEN DRAIN OUTPUT WITH
V
ol = 450mVtyp. @ Iol = 8mA & VCC =4V
.
FAST RESPONSE TIME : 20
µs FOR A 10mV
OVERDRIVE
.
100mV INTERNAL HYSTERESIS
DESCRIPTION
The TS834 is a voltage supervisor providing two
different outputs (one active low and one active
high) with an integrated timer that can be disabled.
It incorporates a high stability bandgap voltage ref-
erence and a comparator with open drain output.
The threshold voltage is set at 4.33V by internal
thermally matched resistors.
The comparator exhibits a 20
µs response (with
10mV overdrive).
An internal hysteresis of 100mV increases the
comparator noise margin and prevents false reset
operation.
APPLICATIONS
.
Computers
.
Microcontrollers
.
Microprocessor systems
.
Intelligent instruments
.
Power failure detection
ORDER CODES
Part Number
Temperature Range
Package
NDP
TS834-5I
-40, +85
oC
•••
D
SO8
(Plastic Micropackage)
1
2
3
4
8
7
6
5
Re s e t Low
Vcc
NC
Gnd
Re s e t High
NC
NC
Time r Control*
* This pin mus t be c onne cte d to Vcc or Gnd
PIN CONNECTIONS
P
TSSOP8
(Thin Shrink Small Outline Package)


Similar Part No. - TS834

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS834 STMICROELECTRONICS-TS834 Datasheet
392Kb / 7P
MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW OR HIGH INTEGRATED TIMER
Jan-2001
TS834-5I STMICROELECTRONICS-TS834-5I Datasheet
392Kb / 7P
MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW OR HIGH INTEGRATED TIMER
Jan-2001
TS834 STMICROELECTRONICS-TS834_01 Datasheet
392Kb / 7P
MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW OR HIGH INTEGRATED TIMER
Jan-2001
More results

Similar Description - TS834

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS831 STMICROELECTRONICS-TS831 Datasheet
93Kb / 11P
MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
Oct-2000
TS836 STMICROELECTRONICS-TS836 Datasheet
73Kb / 8P
MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE HIGH
Sep-1998
logo
Advanced Analogic Techn...
AAT3510 ANALOGICTECH-AAT3510 Datasheet
157Kb / 12P
Micropower uP Reset with Watchdog Timer
logo
STMicroelectronics
TS836 STMICROELECTRONICS-TS836_03 Datasheet
240Kb / 10P
MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE HIGH
May-2003
TS834 STMICROELECTRONICS-TS834_01 Datasheet
392Kb / 7P
MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW OR HIGH INTEGRATED TIMER
Jan-2001
TS831 STMICROELECTRONICS-TS831_01 Datasheet
263Kb / 11P
MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
Nov-2001
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Texas Instruments
TPS3851 TI1-TPS3851 Datasheet
1Mb / 31P
Precision Voltage Supervisor with Integrated Watchdog Timer
TPS3852-Q1 TI1-TPS3852-Q1 Datasheet
503Kb / 28P
High-Accuracy Voltage Supervisor with Integrated Watchdog Timer
TPS3851-Q1 TI1-TPS3851-Q1 Datasheet
1Mb / 34P
High-Accuracy Voltage Supervisor with Integrated Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com