Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS902 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TS902
Description  RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER WITH STANDBY POSITION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS902 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TS902 Datasheet HTML 4Page - STMicroelectronics TS902 Datasheet HTML 5Page - STMicroelectronics TS902 Datasheet HTML 6Page - STMicroelectronics TS902 Datasheet HTML 7Page - STMicroelectronics TS902 Datasheet HTML 8Page - STMicroelectronics TS902 Datasheet HTML 9Page - STMicroelectronics TS902 Datasheet HTML 10Page - STMicroelectronics TS902 Datasheet HTML 11Page - STMicroelectronics TS902 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ELECTRICAL CHARACTERISTICS
VCC
+ = 5V, VCC- = 0V, RL,CL connected to VCC/2, standby off, Tamb =25oC
(unless otherwise specified)
Symbol
Conditions
Value
Unit
Vio
0mV
Avd
RL = 10k
Ω
30
V/mV
ICC
No load, per operator
230
µA
Vicm
-0.2 to 5.2
V
VOH
RL = 10k
Ω
4.95
V
VOL
RL = 10k
Ω
50
mV
Isink
VO = 10V
60
mA
Isource
VO =0V
60
mA
GBP
RL = 10k
Ω, CL = 100pF
0.8
MHz
SR
RL = 10k
Ω, CL = 100pF
0.8
V/
µs
∅mRL = 10kΩ, CL = 100pF
30
Degrees
ICC STBY
VSTBY = 0V
500
nA
TS902
10/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com