Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS902 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS902
Description  RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER WITH STANDBY POSITION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS902 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS902 Datasheet HTML 2Page - STMicroelectronics TS902 Datasheet HTML 3Page - STMicroelectronics TS902 Datasheet HTML 4Page - STMicroelectronics TS902 Datasheet HTML 5Page - STMicroelectronics TS902 Datasheet HTML 6Page - STMicroelectronics TS902 Datasheet HTML 7Page - STMicroelectronics TS902 Datasheet HTML 8Page - STMicroelectronics TS902 Datasheet HTML 9Page - STMicroelectronics TS902 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TYPICAL CHARACTERISTICS
CC
S UP P LY VOLTAGE, V
(V)
048
12
16
600
500
400
300
200
100
T= 25 C
A= 1
V= V
/ 2
S tandby OFF
o
CC
VCL
amb
Figure 1a : Supply Current (each amplifier)
vs Supply Voltage
25
50
75
100
125
100
amb
TE MPERATURE , T
( C)
V
= 10V
V= 5V
No loa d
Sta ndby OFF
CC
i
10
1
Figure 2 : Input Bias Current vs Temperature
1
14
28
42
56
70
V
= +5V
CC
V
= +3V
CC
0
OL
OUTPUT CURRENT, I
(mA)
2
3
4
5
amb
id
T= 25 C
V
= 1 00mV
S tandby OFF
Figure 4a : Low Level Output Voltage vs Low
Level Output Current
5
-70
-56
-4 2
-28
-1 4
0
V
= +5V
CC
V
= +3V
CC
4
3
2
1
0
OH
OUTPUT CURRENT, I
(m A)
amb
id
T= 25 C
V
= 100mV
S tandby OFF
Figure 3a : High Level Output Voltage vs High
Level Output Current
4
0
V
= +16V
CC
V= +10 V
CC
OH
OUTP UT CURRENT, I
(m A)
12
8
20
16
-70
-56
-42
-28
-14
0
amb
id
T= 25 C
V
= 100mV
Standby OFF
Figure 3b : High Level Output Voltage vs High
Level Output Current
48
12
16
50
40
30
20
10
0
T= 25 C
A= 1
Sta ndby ON
VCL
amb
CC
S UPP LY VOLTAGE, V
(V)
Figure 1b : Supply Current (each amplifier)
vs Supply Voltage (in STANDBY
mode)
TS902
6/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com