Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS904I Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS904I
Description  RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER (WITH STANDBY POSITION)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS904I Datasheet(HTML) 1 Page - STMicroelectronics

  TS904I Datasheet HTML 1Page - STMicroelectronics TS904I Datasheet HTML 2Page - STMicroelectronics TS904I Datasheet HTML 3Page - STMicroelectronics TS904I Datasheet HTML 4Page - STMicroelectronics TS904I Datasheet HTML 5Page - STMicroelectronics TS904I Datasheet HTML 6Page - STMicroelectronics TS904I Datasheet HTML 7Page - STMicroelectronics TS904I Datasheet HTML 8Page - STMicroelectronics TS904I Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TS904
RAIL TO RAIL CMOS QUAD
OPERATIONAL AMPLIFIER (WITH STANDBY POSITION)
April 1999
.
RAIL TO RAIL INPUT AND OUTPUT
VOLTAGE RANGES
.
2SEPARATE STANDBY : REDUCED
CONSUMPTION (0.5
µA) AND HIGH IMPED-
ANCE OUTPUTS
.
SINGLE (OR DUAL) SUPPLY OPERATION
FROM 2.7V TO 16V
.
EXTREMELY LOW INPUT BIAS CURRENT :
1pA TYP
.
LOW INPUT OFFSET VOLTAGE : 5mV max.
.
SPECIFIED FOR 600
Ω AND 150Ω LOADS
.
LOW SUPPLY CURRENT : 200
µA/Ampli
.
SPICE MACROMODEL INCLUDED IN THIS
SPECIFICATION
CC
V
+
1
2
3
4
5
6
7
9
10
11
12
13
14
Non-inve rting Input 2
-
+
-
+
S tandby 1
Output 1
Non-inve rting input 1
Inverting Input 1
-
CC
V
Inve rting Inpu t 2
Output 2
8
15
16
Output 4
Inverting Input 4
Non-inverting input 4
Non-inverting input 3
Inve rting input 3
S tandby 2
Output 3
PIN CONNECTIONS (top view)
N
DIP16
(Plastic Package)
®
DESCRIPTION
The TS904 is a RAIL TO RAIL quad CMOS opera-
tional amplifier designed to operate with a single or
dual supply voltage.
The input voltage range Vicm includes the two
supply rails VCC
+ and VCC-.
The output reaches :
• VCC- +50mV
VCC
+ -50mV
with RL = 10k
Ω
• VCC- +350mV VCC+ -350mV with RL = 600Ω
This product offers a broad supply voltage operat-
ing range from 2.7V to 16V and a supply current of
only 200
µA/amp. (VCC = 3V)
Source and sink output current capability is typi-
cally 40mA (at VCC = 3V), fixed by an internal
limitation circuit.
The TS904 offers two separate STANDBY pins
• STANDBY 1 acting on the n°2 and
n
°3 operators
• STANDBY 2 acting on the n°1 and
n
°4 operators
They reduce the consumption of the corresponding
operators and put the outputs in a high impedance
state.
These two STANDBY pins should never stay not
connected.
STMicroelectronics is offering a quad op-amp with
the same features : TS902.
D
SO16
(Plastic Micropackage)
ORDER CODES
Part Number
Temperature Range
Package
ND
TS904I/AI
-40, +125
oC
••
1/12


Similar Part No. - TS904I

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9000 TSC-TS9000 Datasheet
108Kb / 4P
300mA CMOS Low Dropout Voltage Regulator
TS9000 TSC-TS9000 Datasheet
276Kb / 6P
300mA CMOS LDO
TS9000AKCT TSC-TS9000AKCT Datasheet
108Kb / 4P
300mA CMOS Low Dropout Voltage Regulator
TS9000AKCX TSC-TS9000AKCX Datasheet
108Kb / 4P
300mA CMOS Low Dropout Voltage Regulator
TS9000AKCY TSC-TS9000AKCY Datasheet
108Kb / 4P
300mA CMOS Low Dropout Voltage Regulator
More results

Similar Description - TS904I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS902 STMICROELECTRONICS-TS902 Datasheet
105Kb / 12P
RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER WITH STANDBY POSITION
Apr-1999
TS914 STMICROELECTRONICS-TS914 Datasheet
102Kb / 13P
RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER
Apr-1999
TS3V902 STMICROELECTRONICS-TS3V902 Datasheet
120Kb / 11P
3V RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER (WITH STANDBY POSITION)
Oct-1997
logo
Advanced Linear Devices
ALD4704A ALD-ALD4704A Datasheet
62Kb / 6P
QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS902 STMICROELECTRONICS-TS902_01 Datasheet
122Kb / 8P
RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER WITH STANDBY POSITION
Dec-2001
TS914 STMICROELECTRONICS-TS914_07 Datasheet
189Kb / 19P
Rail-to-rail CMOS quad operational amplifier
08-Jan-2007
logo
Advanced Linear Devices
ALD4701 ALD-ALD4701_10 Datasheet
86Kb / 9P
QUAD MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4704 ALD-ALD4704_10 Datasheet
85Kb / 9P
QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS914IDT STMICROELECTRONICS-TS914IDT Datasheet
1Mb / 17P
Rail-to-rail CMOS quad operational amplifier
06-Nov-2012
logo
Advanced Linear Devices
ALD4704A ALD-ALD4704A_V01 Datasheet
89Kb / 9P
QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com