Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS914 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TS914
Description  RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS914 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TS914 Datasheet HTML 5Page - STMicroelectronics TS914 Datasheet HTML 6Page - STMicroelectronics TS914 Datasheet HTML 7Page - STMicroelectronics TS914 Datasheet HTML 8Page - STMicroelectronics TS914 Datasheet HTML 9Page - STMicroelectronics TS914 Datasheet HTML 10Page - STMicroelectronics TS914 Datasheet HTML 11Page - STMicroelectronics TS914 Datasheet HTML 12Page - STMicroelectronics TS914 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
ELECTRICAL CHARACTERISTICS
VCC
+ = 3V, VCC- = 0V, RL,CL connected to VCC/2, Tamb =25oC
(unless otherwise specified)
Symbol
Conditions
Value
Unit
Vio
0mV
Avd
RL = 10k
Ω
10
V/mV
ICC
No load, per operator
100
µA
Vicm
-0.2 to 3.2
V
VOH
RL = 600
Ω
2.6
V
VOL
RL = 600
Ω
300
mV
Isink
VO =3V
40
mA
Isource
VO =0V
40
mA
GBP
RL = 10k
Ω, CL = 100pF, F = 100kHz
0.8
MHz
SR
RL = 10k
Ω, CL = 100pF
0.5
V/
µs
∅m
30
Degrees
TS914
11/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com