Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34844 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # 34844
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34844 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button 34844 Datasheet HTML 26Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 27Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 28Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 29Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 30Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 31Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 32Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 33Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
Analog Integrated Circuit Device Data
30
Freescale Semiconductor
34844
TYPICAL APPLICATIONS
COMPONENTS CALCULATION
Slope Compensation
Slope Compensation can be expressed either in terms of
Ampers/Second or as Volts/Second, through the use of the
transfer resistance.
The following formula express the Slope Compensation in
terms of V/μs:
In order to have this slope compensation, the following
resistor should be set.
Variable Definition
D= Boost Duty Cycle
Vout= Output Voltage
VD= Diode Forward Voltage
Vin= Input Voltage
VSW= VDROP of Internal Switch
ΔVout= Output Voltage Ripple Ratio
Iinavg= Average Input Current
Iout= Output Current
Iinmax= Maximum input current
r = Output Current Ripple Ratio
IrmsCin= RMS current for Input Capacitor
IrmsCout= RMS current for Output Capacitor
L= Inductor
rw= Inductor winding DC Resistance
FSW= Boost Switching Frequency
CSG= Current Sense Gain = 0.2 V/A
ACSA= Current Sense Amplifier Gain = 9
RSense= Current Sense Resistor = 22mohm
Cout= Output Capacitor
RComp= Compensation Resistor
GM= OTA Transconductance
ESRCout= ESR of Output Capacitor
fRHPZ= Right Half Plane Zero Frequency
fCross= Crossover Frequency
CComp1= Compensation Capacitor
CComp2= Shunt Compensation Capacitor
VSLOPE= Slope Compensation (V/μs)
RSLOPE= External Resistor for Slope Compensation
CComp2
GM
6.28 FSW
×
---------------------------
=
VSLOPE
Vout Vin
–
() CSG
×
L2
×
----------------------------------------------------
=
Where “L” is in μH
RSLOPE
33
3
×10
VSLOPE
--------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com