Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34844 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 34844
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34844 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 34844 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
34844
ELECTRICAL CHARACTERISTICS
OVER-VOLTAGE PROTECTION
Over-voltage Clamp - OVP Register Table:
OVP = Fh
OVPFH
60.5
62.5
64.5
V
OVP = Eh
OVPEH
56.5
58
60
V
OVP = Dh
OVPDH
53
54
56
V
OVP = Ch
OVPCH
49
51
52.5
V
OVP = Bh
OVPBH
45
47
48.5
V
OVP = Ah
OVPAH
41
43
44.5
V
OVP = 9h
OVP9H
38
39
40.5
V
OVP = 8h
OVP8H
34
36
37.5
V
OVP = 7h
OVP7H
30.5
32
33.5
V
OVP = 6h
OVP6H
26
28
30
V
OVP = 5h
OVP5H
23
24
25
V
OVP = 4h
OVP4H
19
20
21
V
OVP = 3h
OVP3H
15
16
17
V
OVP = 2h
OVP2H
11
12
13
V
Over-voltage threshold,
Set by Hardware, Voltage at A0/SEN
OVPHW
6.15
6.5
6.85
V
A0/SEN Sink Current
ISINK_OVP
-
100
-
μA
BOOST
Switching Frequency (BST [1:0]=0)
fSW0
0.14
0.15
0.17
MHz
Switching Frequency (BST [1:0]=1)
fSW1
0.27
0.30
0.33
MHz
Switching Frequency (BST [1:0]=2)
fSW2
0.54
0.60
0.66
MHz
Switching Frequency (BST [1:0]=3)
fSW3
1.08
1.2
1.32
MHz
Minimum Duty Cycle
DMIN
-
10
15
%
Maximum Duty Cycle
DMAX
80
85
-
%
Soft Start Period
tSS
-
6.5
-
ms
Boost Switch Rise Time(9)
tTR
-
15
-
ns
Boost Switch Fall Time(9)
tF
-
25
-
ns
Notes
10.
Guaranteed by design
Table 3. Electrical Characteristics (continued)
Characteristics noted under conditions VIN = 12V, VOUT = 42V, ILED = 50mA, PWM = VDC1, M/~S = VDC1,
PIN & NIN = VDC1, -40
°C ≤ TA ≤ 105°C, PGND = 0V, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com