Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS922 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TS922
Description  RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS922 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TS922 Datasheet HTML 3Page - STMicroelectronics TS922 Datasheet HTML 4Page - STMicroelectronics TS922 Datasheet HTML 5Page - STMicroelectronics TS922 Datasheet HTML 6Page - STMicroelectronics TS922 Datasheet HTML 7Page - STMicroelectronics TS922 Datasheet HTML 8Page - STMicroelectronics TS922 Datasheet HTML 9Page - STMicroelectronics TS922 Datasheet HTML 10Page - STMicroelectronics TS922 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
0,01
0,1
1
10
100
0
0,005
0,01
0,015
0,02
Frequency (kHz)
RL=2k Vo=10Vpp
Vcc=
±6V Av=1
THD + NOISE vs FREQUENCY
0,01
0,1
1
10
100
0
0,008
0,016
0,024
0,032
0,04
Fre quency (kHz)
RL=32ohms
Vo=4Vpp
Vcc=
±2.5V Av=1
THD + NOISE vs FREQUENCY
0,01
0,1
1
10
100
0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
Frequency (kHz)
RL=32ohms Vo=2Vpp
Vcc=
±1.5V Av=10
THD + NOISE vs FREQUENCY
0
0,2
0,4
0,6
0,8
1
1,2
0,001
0,010
0,100
1,000
10,000
Vout (V rms)
Rl=60 0ohms
f=1kHz
Vcc= 0/3V
Av=- 1
THD + NOISE vs OUTPUT VOLTAGE
0
0,2
0 ,4
0 ,6
0 ,8
1
0,01
0,1
1
10
Vou t (Vrms)
RL=32ohms F=1kHz
Vcc=
±1.5V Av= -1
THD + NOISE vs OUTPUT VOLTAGE
0
0,2
0,4
0,6
0,8
1
1,2
0,0001
0,001
0,01
0,1
1
10
Vout (Vrms)
RL=2kohms
f=1kHz
Vcc=
±1.5V
Av= -1
THD + NOISE vs OUTPUT VOLTAGE
TS922
8/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com