Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS922 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS922
Description  RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS922 Datasheet(HTML) 1 Page - STMicroelectronics

  TS922 Datasheet HTML 1Page - STMicroelectronics TS922 Datasheet HTML 2Page - STMicroelectronics TS922 Datasheet HTML 3Page - STMicroelectronics TS922 Datasheet HTML 4Page - STMicroelectronics TS922 Datasheet HTML 5Page - STMicroelectronics TS922 Datasheet HTML 6Page - STMicroelectronics TS922 Datasheet HTML 7Page - STMicroelectronics TS922 Datasheet HTML 8Page - STMicroelectronics TS922 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TS922
RAIL TO RAIL HIGH OUTPUT CURRENT
DUAL OPERATIONAL AMPLIFIER
March 1999
.
RAIL TO RAIL INPUT AND OUTPUT
.
LOW NOISE : 9nV/
√√

((Hz))
.
LOW DISTORTION
.
HIGH OUTPUT CURRENT : 80mA
(able to drive 32
Ω loads)
.
HIGH SPEED : 4MHz, 1.3V/
µs
.
OPERATING FROM 2.7V to 12V
.
LOW INPUT OFFSET VOLTAGE : 900
µV max
(TS922A)
.
ESD INTERNAL PROTECTION : 2KV
.
LATCH-UP IMMUNITY
.
MACROMODEL INCLUDED IN THIS
SPECIFICATION
1
2
3
45
6
7
8
-
+
-
+
Inverting Input 1
Output 1
Non-inverting Input 1
VCC
VCC +
Output 2
Inverting Input 2
Non-inverting Input 2
PIN CONNECTIONS (top view)
®
DESCRIPTION
The TS922 is a RAIL TO RAIL dual BiCMOS
operational amplifier optimized and fully specified
for 3V and 5V operation.
High output current allows low load impedances to
be driven.
The TS922 exhibits a very low noise, low distortion,
low offset and high output current capability making
this device an excellent choice for high quality, low
voltage or battery operated audio systems.
The device is stable for capacitive loads up to
500pF.
APPLICATIONS
.
headphone amplifier
.
piezoelectric speaker driver
.
sound cards, multimedia systems
.
line driver, actuator driver
.
servo amplifier
.
mobile phone and portable equipment
.
instrumentation with low noise as key factor
ORDER CODES
Part Number
Temperature Range
Package
NDP
TS922I
-40, +125
oC
•••
N
DIP8
(Plastic Package)
D
SO8
(Plastic Micropackage)
P
TSSOP8
(Thin Shrink Small Outline Package)
1/11


Similar Part No. - TS922

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS922 STMICROELECTRONICS-TS922 Datasheet
480Kb / 21P
Rail-to-rail high output current dual operational amplifier
26-Jan-2007
TS9222 STMICROELECTRONICS-TS9222 Datasheet
511Kb / 16P
HIgh precision high stability dual and quad operational amplifiers
23-May-2014
TS9222ID STMICROELECTRONICS-TS9222ID Datasheet
511Kb / 16P
HIgh precision high stability dual and quad operational amplifiers
23-May-2014
TS9222IDT STMICROELECTRONICS-TS9222IDT Datasheet
511Kb / 16P
HIgh precision high stability dual and quad operational amplifiers
23-May-2014
TS9222IPT STMICROELECTRONICS-TS9222IPT Datasheet
511Kb / 16P
HIgh precision high stability dual and quad operational amplifiers
23-May-2014
More results

Similar Description - TS922

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS921 STMICROELECTRONICS-TS921 Datasheet
115Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT SINGLE OPERATIONAL AMPLIFIER
Mar-1999
TS924 STMICROELECTRONICS-TS924 Datasheet
131Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER
Mar-1999
TS922H STMICROELECTRONICS-TS922H Datasheet
46Kb / 6P
RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
Sep-2003
TS922 STMICROELECTRONICS-TS922_07 Datasheet
480Kb / 21P
Rail-to-rail high output current dual operational amplifier
26-Jan-2007
TS921 STMICROELECTRONICS-TS921_05 Datasheet
371Kb / 14P
Rail-to-Rail High Output Current Single Operational Amplifier
Nov-2005
TS924 STMICROELECTRONICS-TS924_08 Datasheet
322Kb / 14P
Rail-to-rail high output current quad operational amplifier
11-Mar-2008
TS922AIDT STMICROELECTRONICS-TS922AIDT Datasheet
1Mb / 24P
Rail-to-rail, high output current dual operational amplifier
27-Jun-2013
logo
SG Micro Corp
SGM8922 SGMICRO-SGM8922 Datasheet
324Kb / 10P
Dual Rail-to-Rail Output Operational Amplifier
logo
STMicroelectronics
RT922 STMICROELECTRONICS-RT922 Datasheet
482Kb / 15P
RobuST, rail-to-rail, high output current dual operational amplifier
08-Oct-2014
logo
New Japan Radio
NJU77902 NJRC-NJU77902 Datasheet
780Kb / 14P
High Output Current, Rail-to-Rail Input/Output Dual CMOS Operational Amplifier
Ver.2014-08-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com