Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS924 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS924
Description  RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS924 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS924 Datasheet HTML 3Page - STMicroelectronics TS924 Datasheet HTML 4Page - STMicroelectronics TS924 Datasheet HTML 5Page - STMicroelectronics TS924 Datasheet HTML 6Page - STMicroelectronics TS924 Datasheet HTML 7Page - STMicroelectronics TS924 Datasheet HTML 8Page - STMicroelectronics TS924 Datasheet HTML 9Page - STMicroelectronics TS924 Datasheet HTML 10Page - STMicroelectronics TS924 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
02468
10
12
-100
-80
-60
-40
-20
0
20
40
60
80
100
Output Voltage (V)
S ink
V cc= 0/12V
S ource
OUTPUT SHORT CIRCUIT CURRENT vs
OUTPUT VOLTAGE
0
1
2
345
-100
-80
-60
-40
-20
0
20
40
60
80
100
Output Voltage (V)
Vcc= 0/5 V
Sink
Source
OUTPUT SHORT CIRCUIT CURRENT vs
OUTPUT VOLTAGE
0
0,5
1
1,5
2
2,5
3
-100
-80
-60
-40
-20
0
20
40
60
80
100
Output Voltage (V)
Vcc=0/ 3V
Source
Sink
OUTPUT SHORT CIRCUIT CURRENT vs
OUTPUT VOLTAGE
1,00E+02
1,00E+03
1,00E+04
1,00E+05
1,00E+06
1,00E+07
1,00E+08
-10
0
10
20
30
40
50
-40
0
40
80
120
160
200
Frequency (Hz)
Gain
Phase
Rl=1 0k
C l= 100pF
Vcc=+-1.5V
VOLTAGE GAIN AND PHASEvs FREQUENCY
1E+02
1E+03
1E+04
1E+05
1E+06
1E+07
1E+08
-20
-10
0
10
20
30
40
50
-80
-40
0
40
80
120
160
200
Frequency (Hz)
Gain
Phase
C l= 500pF
Vcc=+-1.5V
VOLTAGE GAIN AND PHASE vs FREQUENCY
0,01
0,1
1
10
100
0
0,005
0,01
0,015
0,02
0,025
0,03
Frequency(Hz)
Rl=2k
Av=-1
Vcc=+-6V
Vo=10V pp
THD + NOISE vs FREQUENCY
TS924
7/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com