Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS924 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS924
Description  RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS924 Datasheet(HTML) 1 Page - STMicroelectronics

  TS924 Datasheet HTML 1Page - STMicroelectronics TS924 Datasheet HTML 2Page - STMicroelectronics TS924 Datasheet HTML 3Page - STMicroelectronics TS924 Datasheet HTML 4Page - STMicroelectronics TS924 Datasheet HTML 5Page - STMicroelectronics TS924 Datasheet HTML 6Page - STMicroelectronics TS924 Datasheet HTML 7Page - STMicroelectronics TS924 Datasheet HTML 8Page - STMicroelectronics TS924 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TS924
RAIL TO RAIL HIGH OUTPUT CURRENT
QUAD OPERATIONAL AMPLIFIER
March 1999
.
RAIL TO RAIL INPUT AND OUTPUT
.
LOW NOISE : 9nV/
√√

Hz
.
LOW DISTORTION
.
HIGH OUTPUT CURRENT : 80mA
(able to drive 32
Ω loads)
.
HIGH SPEED : 4MHz 1.3V/
µs
.
OPERATING FROM 2.7V to 12V
.
LOW INPUT OFFSET VOLTAGE :
900
µV max. (TS924A)
.
ESD INTERNAL PROTECTION : 2KV
.
LATCH-UP IMMUNITY
.
MACROMODEL INCLUDED IN THIS
SPECIFICATION
Inve rting Input 2
Non-inve rting Input 2
Non-inve rting Input 1
-
CC
V
1
2
3
4
8
5
6
7
9
10
11
12
13
14
CC
V
+
Output 3
Output 4
Non-inve rting Input 4
Inve rting Input 4
Non-inve rting Input 3
Inve rting Input 3
-
+
-
+
-
+
-
+
Output 1
Inve rting Input 1
Output 2
PIN CONNECTIONS (top view)
®
DESCRIPTION
The TS924 is a RAIL TO RAIL quad BiCMOS
operational amplifier optimized and fully specified
for 3V and 5V operation.
High output current allows low load impedances to
be driven.
The TS924 exhibits a very low noise, low distortion,
low offset and high output current capability making
this device an excellent choice for high quality, low
voltage or battery operated audio systems.
The device is stable for capacitive loads up to
500pF.
APPLICATIONS
.
headphone amplifier
.
piezoelectric speaker driver
.
sound cards
.
MPEG boards, multimedia systems, ...
.
line driver, buffer
.
cordless telephones and portable communica-
tion equipment
.
instrumentation with low noise as key factor
ORDER CODES
Part Number
Temperature Range
Package
NDP
TS924I
-40, +125
oC
•••
N
DIP14
(Plastic Package)
D
SO14
(Plastic Micropackage)
P
TSSOP14
(Thin Shrink Small Outline Package)
1/11


Similar Part No. - TS924

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS924 STMICROELECTRONICS-TS924 Datasheet
385Kb / 14P
Rail-to-rail High Output Current Quad Operational Amplifier
Nov-2005
TS924AID STMICROELECTRONICS-TS924AID Datasheet
322Kb / 14P
Rail-to-rail high output current quad operational amplifier
11-Mar-2008
TS924AID/AIDT STMICROELECTRONICS-TS924AID/AIDT Datasheet
385Kb / 14P
Rail-to-rail High Output Current Quad Operational Amplifier
Nov-2005
TS924AIDT STMICROELECTRONICS-TS924AIDT Datasheet
322Kb / 14P
Rail-to-rail high output current quad operational amplifier
11-Mar-2008
TS924AIN STMICROELECTRONICS-TS924AIN Datasheet
385Kb / 14P
Rail-to-rail High Output Current Quad Operational Amplifier
Nov-2005
More results

Similar Description - TS924

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS921 STMICROELECTRONICS-TS921 Datasheet
115Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT SINGLE OPERATIONAL AMPLIFIER
Mar-1999
TS922 STMICROELECTRONICS-TS922_07 Datasheet
480Kb / 21P
Rail-to-rail high output current dual operational amplifier
26-Jan-2007
TS924 STMICROELECTRONICS-TS924_05 Datasheet
385Kb / 14P
Rail-to-rail High Output Current Quad Operational Amplifier
Nov-2005
TS921 STMICROELECTRONICS-TS921_05 Datasheet
371Kb / 14P
Rail-to-Rail High Output Current Single Operational Amplifier
Nov-2005
logo
National Semiconductor ...
LMP2014MT NSC-LMP2014MT_05 Datasheet
978Kb / 14P
Quad High Precision, Rail-to-Rail Output Operational Amplifier
logo
STMicroelectronics
TS924 STMICROELECTRONICS-TS924_08 Datasheet
322Kb / 14P
Rail-to-rail high output current quad operational amplifier
11-Mar-2008
logo
New Japan Radio
NJU7058 NJRC-NJU7058 Datasheet
237Kb / 8P
Rail-to-Rail Output Quad CMOS Operational Amplifier
logo
STMicroelectronics
TS922AIDT STMICROELECTRONICS-TS922AIDT Datasheet
1Mb / 24P
Rail-to-rail, high output current dual operational amplifier
27-Jun-2013
logo
Texas Instruments
LMP2014MT TI1-LMP2014MT Datasheet
1Mb / 21P
Quad High Precision, Rail-to-Rail Output Operational Amplifier
logo
New Japan Radio
NJM2734SCC NJRC-NJM2734SCC Datasheet
513Kb / 13P
Rail-to-Rail Input/Output Quad Operational Amplifier
Ver.2010-03-24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com