Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5533MVM66 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC5533MVM66
Description  Microcontroller Data Sheet
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5533MVM66 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC5533MVM66 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5533MVM66 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5533MVM66 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5533MVM66 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5533MVM66 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5533MVM66 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5533MVM66 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5533MVM66 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5533MVM66 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
Ordering Information
MPC5533 Microcontroller Data Sheet, Rev. 0.0
Freescale Semiconductor
3
2
Ordering Information
Figure 1. MPC5500 Family Part Number Example
Unless noted in this data sheet, all specifications apply from TL to TH.
Table 1. Orderable Part Numbers
Freescale Part Number
Package Description
Speed (MHz)
Operating Temperature 1
1 The lowest ambient operating temperature is referenced by T
L; the highest ambient operating temperature is referenced by TH.
Nominal
Max. 2 (fMAX)
2
Speed is the nominal maximum frequency. Max. speed is the maximum speed allowed including frequency modulation (FM).
42 MHz parts allow for 40 MHz system clock + 2% FM; 68 MHz parts allow for 66 MHz system clock + 2% FM, and
82 MHz parts allow for 80 MHz system clock + 2% FM.
Min. (TL)Max. (TH)
MPC5533MVM80
MPC5533 208 package
Lead-free (PbFree)
80
82
–40° C
125° C
MPC5533MVM66
66
68
MPC5533MVM40
40
42
MPC5533MVF80
MPC5533 208 package
Leaded (SnPb)
80
82
–40° C
125° C
MPC5533MVF66
66
68
MPC5533MVF40
40
42
MPC5533MVZ80
MPC5533 324 package
Lead-free (PbFree)
80
82
–40° C
125° C
MPC5533MVZ66
66
68
MPC5533MVZ40
40
42
MPC5533MZQ80
MPC5533 324 package
Leaded (SnPb)
80
82
–40° C
125° C
MPC5533MZQ66
66
68
MPC5533MZQ40
40
42
MPC
M
80 R
Qualification status
Core code
Device number
Temperature range
Package identifier
Operating frequency (MHz)
Tape and reel status
Temperature Range
M = –40° C to 125° C
Package Identifier
VF = 208MAPBGA SnPb
VM = 208MAPBGA Pb-free
ZQ = 324PBGA SnPb
VZ = 324PBGA Pb-free
Operating Frequency
40 = 40 MHz
66 = 66 MHz
80 = 80 MHz
Tape and Reel Status
R = Tape and reel
(blank) = Trays
Qualification Status
P = Pre qualification
M = Fully spec. qualified, general market flow
S = Fully spec. qualified, automotive flow
5533
VF
Note: Not all options are available on all devices. Refer to Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com