Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5533MVM66 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC5533MVM66
Description  Microcontroller Data Sheet
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5533MVM66 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC5533MVM66 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5533MVM66 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5533MVM66 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5533MVM66 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5533MVM66 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5533MVM66 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5533MVM66 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5533MVM66 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5533MVM66 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
Freescale Semiconductor
Data Sheet: Technical Data
Contents
© Freescale Semiconductor, Inc., 2008. All rights reserved.
Document Number: MPC5533
Rev. 0.0, 10 Oct 2008
This document provides electrical specifications, pin
assignments, and package diagrams for the MPC5533
microcontroller device. For functional characteristics,
refer to the MPC5534 Microcontroller Reference
Manual.
1
Overview
The MPC5533 microcontroller (MCU) is a member of
the MPC5500 family of microcontrollers built on the
Power Architecture™ embedded technology. This
family of parts has many new features coupled with high
performance CMOS technology to provide substantial
reduction of cost per feature and significant performance
improvement over the MPC500 family.
The host processor core of this device complies with the
Power Architecture embedded category that is 100%
user-mode compatible (including floating point library)
with the original Power PC™ user instruction set
architecture (UISA). The embedded architecture
enhancements improve the performance in embedded
applications. The core also has additional instructions,
including digital signal processing (DSP) instructions,
beyond the original Power PC instruction set.
1
Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
3
Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . 4
3.1
Maximum Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
3.2
Thermal Characteristics . . . . . . . . . . . . . . . . . . . . . 5
3.3
Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
3.4
EMI Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . 8
3.5
ESD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
3.6
VRC and POR Electrical Specifications . . . . . . . . . 9
3.7
Power-Up/Down Sequencing. . . . . . . . . . . . . . . . . 10
3.8
DC Electrical Specifications . . . . . . . . . . . . . . . . . 13
3.9
Oscillator and FMPLL Electrical Characteristics . . 20
3.10 eQADC Electrical Characteristics . . . . . . . . . . . . . 22
3.11 H7Fb Flash Memory Electrical Characteristics . . . 23
3.12 AC Specifications . . . . . . . . . . . . . . . . . . . . . . . . . 25
3.13 AC Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
4
Mechanicals. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
4.1
MPC5533 208 MAP BGA Pinout . . . . . . . . . . . . . . 43
4.2
MPC5533 324 PBGA Pinout . . . . . . . . . . . . . . . . . 44
4.3
MPC5533 208-Pin Package Dimensions. . . . . . . . 45
4.4
MPC5533 324-Pin Package Dimensions. . . . . . . . 47
5
Revision History for the MPC5533 Data Sheet . . . . . . . 49
MPC5533
Microcontroller Data Sheet
by: Microcontroller Division


Similar Part No. - MPC5533MVM66

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5534 FREESCALE-MPC5534 Datasheet
1Mb / 50P
Microcontroller
MPC5534AVF40 FREESCALE-MPC5534AVF40 Datasheet
1Mb / 50P
Microcontroller
MPC5534AVF40R2 FREESCALE-MPC5534AVF40R2 Datasheet
1Mb / 50P
Microcontroller
MPC5534AVF66 FREESCALE-MPC5534AVF66 Datasheet
1Mb / 50P
Microcontroller
MPC5534AVF66R2 FREESCALE-MPC5534AVF66R2 Datasheet
1Mb / 50P
Microcontroller
More results

Similar Description - MPC5533MVM66

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52223 FREESCALE-MCF52223 Datasheet
834Kb / 56P
Microcontroller Data Sheet
MPC5553 FREESCALE-MPC5553_07 Datasheet
2Mb / 66P
Microcontroller Data Sheet
MPC5674F FREESCALE-MPC5674F Datasheet
1Mb / 132P
MPC5674F Microcontroller Data Sheet
SPC5607BF1MLU6 FREESCALE-SPC5607BF1MLU6 Datasheet
779Kb / 110P
Microcontroller Data Sheet
MPC5566MVR132 FREESCALE-MPC5566MVR132 Datasheet
1Mb / 66P
MPC5566 Microcontroller Data Sheet
SPC5668EK0MMGR FREESCALE-SPC5668EK0MMGR Datasheet
575Kb / 66P
MPC5668x Microcontroller Data Sheet
PPC5604EEMLH FREESCALE-PPC5604EEMLH Datasheet
994Kb / 75P
MPC5604E Microcontroller Data Sheet
logo
NXP Semiconductors
MPC5602P NXP-MPC5602P Datasheet
2Mb / 95P
MPC5602P Microcontroller Data Sheet
Rev. 6,12/2012
MPC5561 NXP-MPC5561 Datasheet
1Mb / 58P
Microcontroller Data Sheet
Rev. 3, June 2012
MPC5674F NXP-MPC5674F Datasheet
2Mb / 132P
MPC5674F Microcontroller Data Sheet
Rev. 11, 10/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com