Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5632MMLL40 Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # MPC5632MMLL40
Description  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5632MMLL40 Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button MPC5632MMLL40 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5632MMLL40 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5632MMLL40 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5632MMLL40 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5632MMLL40 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5632MMLL40 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5632MMLL40 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5632MMLL40 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5632MMLL40 Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 106 page
background image
MDO[3]21
eTPU_A[25]
GPIO[223]
Nexus Msg Data Out
eTPU A Ch.
GPIO
PCR[223]
0122
10
00
O
O
I/O
VDDEH7
Multi-V
– / –
– / –
114
139
T7
MSEO[0]21
eTPU_A[27]
GPIO[224]
Nexus Msg Start/End Out
eTPU A Ch.
GPIO
PCR[224]
0122
10
00
O
O
I/O
VDDEH7
Multi-V
– / –
– / –
109
134
R10
MSEO[1]21
eTPU_A[29]
GPIO[225]
Nexus Msg Start/End Out
eTPU A Ch.
GPIO
PCR[225]
0122
10
00
O
O
I/O
VDDEH7
Multi-V
– / –
– / –
101
124
P9
JTAG / TEST
TCK
JTAG Test Clock Input
—
—
I
VDDEH7
Multi-V
TCK / Down
TCK / Down
105
128
C16
TDI23
eMIOS[5]
GPIO[232]
JTAG Test Data Input
eMIOS Ch.
GPIO
PCR[232]
0124
10
00
I
O
I/O
VDDEH7
Multi-V
– / –
– / –
107
130
E14
TDO23
eMIOS[6]
GPIO[228]
JTAG Test Data Output
eMIOS Ch.
GPIO
PCR[228]
0124
10
00
O
O
I/O
VDDEH7
Multi-V
– / –
– / –
100
123
F14
TMS
JTAG Test Mode Select Input
—
—
I
VDDEH7
Multi-V
TMS / Up
TMS / Up
108
131
D14
JCOMP
JTAG TAP Controller Enable
—
—
I
VDDEH7
Multi-V
JCOMP /
Down
JCOMP / Down
98
121
F16
CAN
CAN_A_TX
SCI_A_TX
GPIO[83]
CAN_A Transmit
eSCI_A Transmit
GPIO
PCR[83]
01
10
00
O
O
I/O
VDDEH6a
Slow
– / Up
– / Up25
66
81
P12
CAN_A_RX
SCI_A_RX
GPIO[84]
CAN_A Receive
eSCI_A Receive
GPIO
PCR[84]
01
10
00
I
I
I/O
VDDEH6a
Slow
– / Up
– / Up
67
82
R12
CAN_C_TX
GPIO[87]
CAN_C Transmit
GPIO
PCR[87]
01
00
O
I/O
VDDEH6a
Medium
– / Up
– / Up
84
101
K13
CAN_C_RX
GPIO[88]
CAN_C Receive
GPIO
PCR[88]
01
00
I
I/O
VDDEH6a
Slow
– / Up
– / Up
81
98
L14
Table 3. MPC563xM signal properties (continued)
Name
Function1
Pad
Config.
Register
(PCR)2
PCR PA
Field3
I/O
Type
Voltage4 /
Pad Type
Reset State5
Function / State
After Reset6
Pin No.
144
LQFP
176
LQFP
208 MAPB
GA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com