Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5632MMLL40 Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # MPC5632MMLL40
Description  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5632MMLL40 Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MPC5632MMLL40 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5632MMLL40 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5632MMLL40 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5632MMLL40 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5632MMLL40 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5632MMLL40 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5632MMLL40 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5632MMLL40 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5632MMLL40 Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 106 page
background image
VDDE5
I/O Supply Input
—
—
I
VDDE5
I / –
—
—
—
T13
VDDEH6a37, 38
VDDEH6b38
I/O Supply Input
—
—
I
VDDEH6
(3.3–5.0V)
I / –
—
78, 93,
61
95,
110, 74
—
VDDEH6
I/O Supply Input
—
—
I
VDDEH6
I / –
—
—
—
F13
VDDEH7
I/O Supply Input
—
—
I
VDDEH739
(3.3–5.0 V)
I / –
—
102,
113
125,
138
D12
VDDE740
I/O Supply Input
—
—
I
VDDE7
(3.3 V)
I / –
—
—
16,
1197
E13, P6
1 For each pin in the table, each line in the Function column is a separate function of the pin. For all I/O pins the selection of primary pin function or secondary
function or GPIO is done in the SIU except where explicitly noted.
2 Values in this column refer to registers in the System Integration Unit (SIU). The actual register name is “SIU_PCR” suffixed by the PCR number. For example,
PCR[190] refers to the SIU register named SIU_PCR190.
3 The Pad Configuration Register (PCR) PA field is used by software to select pin function.
4 The VDDE and VDDEH supply inputs are broken into segments. Each segment of slow I/O pins (VDDEH) may have a separate supply in the 3.3 V to 5.0 V
range (–10%/+5%). Each segment of fast I/O (VDDE) may have a separate supply in the 1.8 V to 3.3 V range (+/– 10%).
5 Terminology is O - output, I - input, Up - weak pull up enabled, Down - weak pull down enabled, Low - output driven low, High - output driven high. A dash
for the function in this column denotes that both the input and output buffer are turned off.
6 Function after reset of GPI is general purpose input. A dash for the function in this column denotes that both the input and output buffer are turned off.
7 Not available on 1 MB version of 176-pin package.
8 Not available on 1 MB version of 208-pin package.
9 The GPIO functions on GPIO[206] and GPIO[207] can be selected as trigger functions in the SIU for the ADC by making the proper selections in the
SIU_ETISR and SIU_ISEL3 registers in the SIU.
10 Some signals in this section are available only on calibration package.
11 These pins are only available in the 496 CSP/MAPBGA calibration/development package.
12 On the calibration package, the Nexus function on this pin is enabled when the NEXUSCFG pin is high and Nexus is configured to full port mode. On the
176-pin and 208-pin packages, the Nexus function on this pin is enabled permanently.
13 In the calibration package, the I/O segment containing this pin is called VDDE12.
14 208-ball BGA package only
15 When configured as Nexus (208-pin package or calibration package with NEXUSCFG=1), and JCOMP is asserted during reset, MDO[0] is driven high until
the crystal oscillator becomes stable, at which time it is then negated.
16 The function of this pin is Nexus when NEXUSCFG is high.
17 High when the pin is configured to Nexus, low otherwise.
18 O/Low for the calibration with NEXUSCFG=0; I/Up otherwise.
Table 3. MPC563xM signal properties (continued)
Name
Function1
Pad
Config.
Register
(PCR)2
PCR PA
Field3
I/O
Type
Voltage4 /
Pad Type
Reset State5
Function / State
After Reset6
Pin No.
144
LQFP
176
LQFP
208 MAPB
GA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com