Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8640D Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC8640D
Description  Integrated Host Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8640D Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC8640D Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 140 page
background image
MPC8640 and MPC8640D Integrated Host Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
3
Overview
1.1
Key Features
The following lists an overview of the MPC8640 key feature set:
•
Major features of the e600 core are as follows:
— High-performance, 32-bit superscalar microprocessor that implements the PowerPC ISA
— Eleven independent execution units and three register files
– Branch processing unit (BPU)
– Four integer units (IUs) that share 32 GPRs for integer operands
– 64-bit floating-point unit (FPU)
– Four vector units and a 32-entry vector register file (VRs)
– Three-stage load/store unit (LSU)
— Three issue queues, FIQ, VIQ, and GIQ, can accept as many as one, two, and three instructions,
respectively, in a cycle.
— Rename buffers
— Dispatch unit
— Completion unit
— Two separate 32-Kbyte instruction and data level 1 (L1) caches
— Integrated 1-Mbyte, eight-way set-associative unified instruction and data level 2 (L2) cache
with ECC
— 36-bit real addressing
— Separate memory management units (MMUs) for instructions and data
— Multiprocessing support features
— Power and thermal management
— Performance monitor
— In-system testability and debugging features
— Reliability and serviceability
•
MPX coherency module (MCM)
— Ten local address windows plus two default windows
— Optional low memory offset mode for core 1 to allow for address disambiguation
•
Address translation and mapping units (ATMUs)
— Eight local access windows define mapping within local 36-bit address space
— Inbound and outbound ATMUs map to larger external address spaces
— Three inbound windows plus a configuration window on PCI Express
— Four inbound windows plus a default window on serial RapidIO
— Four outbound windows plus default translation for PCI Express
— Eight outbound windows plus default translation for serial RapidIO with segmentation and
sub-segmentation support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com