Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8640D Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # MPC8640D
Description  Integrated Host Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8640D Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MPC8640D Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 140 page
background image
MPC8640 and MPC8640D Integrated Host Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
57
I
2C
12 I2C
This section describes the DC and AC electrical characteristics for the I2C interfaces of the MPC8640.
12.1
I2C DC Electrical Characteristics
Table 44 provides the DC electrical characteristics for the I2C interfaces.
12.2
I2C AC Electrical Specifications
Table 45 provides the AC timing parameters for the I2C interfaces.
Table 44. I2C DC Electrical Characteristics
At recommended operating conditions with OVDD of 3.3 V ± 5%.
Parameter
Symbol
Min
Max
Unit
Notes
Input high voltage level
VIH
0.7
× OVDD
OVDD +0.3
V
Input low voltage level
VIL
–0.3
0.3
× OVDD
V
Low level output voltage
VOL
00.2
× OVDD
V1
Pulse width of spikes which must be suppressed
by the input filter
tI2KHKL
050
ns
2
Input current each I/O pin (input voltage is
between 0.1
× OVDD and 0.9 × OVDD(max)
II
–10
10
μA3
Capacitance for each I/O pin
CI
—10
pF
Notes:
1. Output voltage (open drain or open collector) condition = 3 mA sink current.
2. Refer to the
MPC8641 Integrated Host Processor Reference Manual for information on the digital filter used.
3. I/O pins will obstruct the SDA and SCL lines if OVDD is switched off.
Table 45. I2C AC Electrical Specifications
All values refer to VIH (min) and VIL (max) levels (see Table 44).
Parameter
Symbol 1
Min
Max
Unit
SCL clock frequency
fI2C
0400
kHz
Low period of the SCL clock
tI2CL
4
1.3
μs
High period of the SCL clock
tI2CH
4
0.6
μs
Setup time for a repeated START condition
tI2SVKH
4
0.6
μs
Hold time (repeated) START condition (after this period,
the first clock pulse is generated)
tI2SXKL
4
0.6
μs
Data setup time
tI2DVKH
4
100
ns
Data input hold time:
CBUS compatible masters
I2C bus devices
tI2DXKL
0 2
μs
Rise time of both SDA and SCL signals
tI2CR
20 + 0.1 CB
5
300
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com