Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5633MMLL40 Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # MPC5633MMLL40
Description  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5633MMLL40 Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button MPC5633MMLL40 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5633MMLL40 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5633MMLL40 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5633MMLL40 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5633MMLL40 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5633MMLL40 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5633MMLL40 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5633MMLL40 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5633MMLL40 Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 106 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
41
3.3
176 LQFP pinout (MPC5633M)
Figure 4 shows the pinout for the 176-pin LQFP for the MPC5633M (1024 KB flash memory).
Figure 4. 176-pin LQFP pinout (MPC5633M; top view)
176-Pin
LQFP
NIC
TMS
TDI / eMIOS[5] / GPIO[232]
eTPU_A[4] / GPIO[227]
TCK
VSS
eTPU_A[2] / GPIO[231]
VDDEH7
eTPU_A[29] / GPIO[225]
TDO / eMIOS[6] / GPIO[228]
GPIO[219]
JCOMP
ALT_EVTO
VDDE12
ALT_MSEO[0]
ALT_MSEO[1]
ALT_EVTI
VSS
DSPI_B_PCS[3] / DSPI_C_SIN / GPIO[108]
DSPI_B_SOUT / DSPI_C_PCS[5] / GPIO[104]
DSPI_B_SIN / DSPI_C_PCS[2] / GPIO[103]
DSPI_B_PCS[0] / GPIO[105]
VDDEH6B
DSPI_B_PCS[1] / GPIO[106]
VSS
DSPI_B_PCS[2] / DSPI_C_SOUT / GPIO[107]
DSPI_B_SCK / DSPI_C_PCS[1] / GPIO[102]
DSPI_B_PCS[4] / DSPI_C_SCK / GPIO[109]
DSPI_B_PCS[5] / DSPI_C_PCS[0] / GPIO[110]
VDD
RSTOUT
CAN_C_TX / GPIO[87]
SCI_A_TX / eMIOS[13] / GPIO[89]
SCI_A_RX / eMIOS[15] / GPIO[90]
CAN_C_RX / GPIO[88]
RESET
VSS
VDDEH6A
VSSPLL
XTAL
EXTAL / EXTCLK
VDDPLL
VSS
NIC
AN[18]
AN[17]
AN[16]
AN[11] / ANZ
AN[9] / ANX
VDDA
VSSA
AN[39] / AN[10] / ANY
AN[38] / AN[8] / ANW
VDDREG
VRCCTL
VSTBY
VRC33
ALT_MCKO
VSS
VDDE12
ALT_MDO[0]
ALT_MDO[1]
ALT_MDO[2]
ALT_MDO[3]
(see signal details, pin 21)
(see signal details, pin 22)
(see signal details, pin 23)
(see signal details, pin 24)
(see signal details, pin 25)
(see signal details, pin 26)
(see signal details, pin 27)
(see signal details, pin 28)
VSS
(see signal details, pin 30)
VDDEH1A
(see signal details, pin 32)
VDD
eTPU_A[21] / IRQ[9] / GPIO[135]
eTPU_A[20] / IRQ[8] / GPIO[134]
eTPU_A[19] / GPIO[133]
eTPU_A[18] / GPIO[132]
eTPU_A[17] / GPIO[131]
eTPU_A[16] / GPIO[130]
(see signal details, pin 40)
VDDEH1B
(see signal details, pin 42)
VSS
NIC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
132
131
130
129
128
127
126
125
124
123
122
121
120
119
118
117
116
115
114
113
112
111
110
109
108
107
106
105
104
103
102
101
100
99
98
97
96
95
94
93
92
91
90
89
Notes:
1. Pins marked “NIC” have no internal connection.
2. Pins marked “NC” are not functional pins but may be connected to internal circuitry. Connections to external
circuits or other pins on this device can result in unpredictable system behavior or damage.
signal details:
Pin 21: eTPU_A[31] / DSPI_C_PCS[4] / eTPU_A[13] / GPIO[145]
Pin 22: eTPU_A[30] / DSPI_C_PCS[3] / eTPU_A[11] / GPIO[144]
Pin 23:
eTPU_A[29] / DSPI_C_PCS[2] / GPIO[143]
Pin 24:
eTPU_A[28]/ DSPI_C_PCS[1] / GPIO[142]
Pin 25:
eTPU_A[27] / IRQ[15] / DSPI_C_SOUT_LVDS+ / DSPI_B_SOUT / GPIO[141]
Pin 26: eTPU_A[26] / IRQ[14] / DSPI_C_SOUT_LVDS- / GPIO[140]
Pin 27: eTPU_A[25] / IRQ[13] / DSPI_C_SCK_LVDS+ / GPIO[139]
Pin 28: eTPU_A[24] / IRQ[12] / DSPI_C_SCK_LVDS- / GPIO[138]
Pin 30: eTPU_A[23] / IRQ[11] / eTPU_A[21] / GPIO[137]
Pin 32: eTPU_A[22] / IRQ[10] / eTPU_A[17] / GPIO[136]
Pin 40:
eTPU_A[15] / DSPI_B_PCS[5] / GPIO[129]
Pin 42: eTPU_A[14] / DSPI_B_PCS[4] / eTPU_A[9] / GPIO[128]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com