Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5633MMLL40 Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part # MPC5633MMLL40
Description  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5633MMLL40 Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button MPC5633MMLL40 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5633MMLL40 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5633MMLL40 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5633MMLL40 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5633MMLL40 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5633MMLL40 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5633MMLL40 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5633MMLL40 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5633MMLL40 Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 106 page
background image
AN[13]
MA[1]
ETPU_A[21]
SDO
Single Ended Analog Input
Mux Address
ETPU_A Ch.
eQADC Serial Data Out
PCR[216]
011
010
100
000
I
O
O
O
VDDEH7
I / –
AN[13] / –
118
147
B12
AN[14]
MA[2]
ETPU_A[27]
SDI
Single Ended Analog Input
Mux Address
ETPU_A Ch.
eQADC Serial Data In
PCR[217]
011
010
100
000
I
O
O
I
VDDEH7
I / –
AN[14] / –
117
146
C12
AN[15]
FCK
ETPU_A[29]
Single Ended Analog Input
eQADC Free Running Clock
ETPU_A Ch.
PCR[218]
011
010
100
I
O
O
VDDEH7
I / –
AN[15] / –
116
145
C13
AN[16]
Single Ended Analog Input
—
—
I
VDDA
I / –
AN[x] / –
3
3
C6
AN[17]
Single Ended Analog Input
—
—
I
VDDA
I / –
AN[x] / –
2
2
C4
AN[18]
Single Ended Analog Input
—
—
I
VDDA
I / –
AN[x] / –
1
1
D5
AN[21]
Single Ended Analog Input
—
—
I
VDDA
I / –
AN[x] / –
144
173
B4
AN[22]
Single Ended Analog Input
—
—
I
VDDA
I / –
AN[x] / –
132
161
B8
AN[23]
Single Ended Analog Input
—
—
I
VDDA
I / –
AN[x] / –
131
160
C9
AN[24]
Single Ended Analog Input
—
—
I
VDDA
I / –
AN[x] / –
130
159
D8
AN[25]
Single Ended Analog Input
—
—
I
VDDA
I / –
AN[x] / –
129
158
B9
AN[27]
Single Ended Analog Input
—
—
I
VDDA
I / –
AN[x] / –
128
157
A10
AN[28]
Single Ended Analog Input
—
—
I
VDDA
I / –
AN[x] / –
127
156
B10
AN[30]
Single Ended Analog Input
—
—
I
VDDA
I / –
AN[x] / –
126
155
D9
AN[31]
Single Ended Analog Input
—
—
I
VDDA
I / –
AN[x] / –
125
154
D10
AN[32]
Single Ended Analog Input
—
—
I
VDDA
I / –
AN[x] / –
124
153
C10
AN[33]
Single Ended Analog Input
—
—
I
VDDA
I / –
AN[x] / –
123
152
C11
AN[34]
Single Ended Analog Input
—
—
I
VDDA
I / –
AN[x] / –
122
151
C5
AN[35]
Single Ended Analog Input
—
—
I
VDDA
I / –
AN[x] / –
121
150
D11
AN[36]
Single Ended Analog Input
—
—
I
VDDA
I / –
AN[x] / –
—
1747
F48
AN[37]
Single Ended Analog Input
—
—
I
VDDA
I / –
AN[x] / –
—
1757
E38
Table 3. MPC563xM signal properties (continued)
Name
Function1
Pad
Config.
Register
(PCR)2
PCR PA
Field3
I/O
Type
Voltage4 /
Pad Type
Reset State5
Function / State
After Reset6
Pin No.
144
LQFP
176
LQFP
208 MAPB
GA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com