Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8640D Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC8640D
Description  Integrated Host Processor Hardware Specifications Addendum for the MC8640xTxxyyyyaC Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8640D Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC8640D Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MPC8640 and MPC8640D Integrated Host Processor Hardware Specifications Addendum for the MC8640xTxxyyyyaC
Series, Rev. 0
4
Freescale Semiconductor
Ordering Information
21 Ordering Information
21.1 Part Numbers Addressed by This Specification
Table 73 provides the ordering information for the MPC8640 parts described in this document.
Document Revision History
Table B provides a revision history for this hardware specification addendum.
Table 73. Part Numbering Nomenclature
uu
nnnn
D
w
xx
yyyy
a
z
Product
Code
Part
Identifier
Core
Count
Temp
Package 1
Core
Processor
Frequency 2
(MHz)
DDR speed
(MHz)
Product Revision Level
MC5
8640
Blank =
Single Core
T:
–40
°C to
105
°C
HX = High-lead
HCTE FC-CBGA
VU = RoHS lead-f
ree HCTE
FC-CBGA
1000, 1067,
1250
N = 533 MHz4
H = 500 MHz
Revision C = 2.1
System Version Register
Value for Rev C:
0x8090_0021 - MPC8640
0x8090_0121 - MPC8640D
D =
Dual Core
Notes:
1. See Section 16, “Package,” for more information on available package types.
2. Processor core frequencies supported by parts addressed by this specification only. Not all parts described in this specification
support all core frequencies. Additionally, parts addressed by part number specifications may support other maximum core
frequencies.
3. The P prefix in a Freescale part number designates a “Pilot Production Prototype” as defined by Freescale SOP 3-13. These parts
have only preliminary reliability and characterization data. Before pilot production prototypes may be shipped, written
authorization from the customer must be on file in the applicable sales office acknowledging the qualification status and the fact
that product changes may still occur while shipping pilot production prototypes.
4. Part Number MC8640xxx1067NC is our low VDD_Coren device. VDD_Coren = 0.95 V and VDD_PLAT = 1.05 V.
5. MC - Qualified production
Table B. Document Revision History
Rev.
Number
Date
Substantive Change(s)
0
12/2008
Initial release.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com