Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8640D Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC8640D
Description  Integrated Host Processor Hardware Specifications Addendum for the MC8640xTxxyyyyaC Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8640D Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC8640D Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8640D Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MPC8640 and MPC8640D Integrated Host Processor Hardware Specifications Addendum for the MC8640xTxxyyyyaC
Series, Rev. 0
2
Freescale Semiconductor
General Parameters
Part numbers addressed in this document are listed in Table A.
2
General Parameters
This section summarizes changes to the general parametersof the MPC8640 described in the MPC8640
and MPC8640D Integrated Host Processor Hardware Specifications.
•
Modified JTAG AC timing
—tJTDVKH (min) = 15 ns
•
Extended junction temperature range
—TJ = –40 to 105 °C
2.1
Overall DC Electrical Characteristics
2.1.2
Recommended Operating Conditions
Table 2 provides the recommended operating conditions for the MPC8640 part numbers described herein.
Table A. Part Numbers Addressed by This Data Sheet
Freescale
Part Number
Operating Conditions
Significant Differences from
Hardware Specification
CPU
Frequency
(MHz)
VDD_Coren
Tj
(
°C)
MC8640DTHX1250HC
1250
1.05 V ± 50 mV
–40 to 105
Modified JTAG AC timing; extended junction
temperature range.
MC8640DTHX1000HC
1000
1.05 V ± 50 mV
MC8640DTHX1067NC
1067
0.95 V ± 50 mV
MC8640DTVU1250HC
1250
1.05 V ± 50 mV
MC8640DTVU1000HC
1000
1.05 V ± 50 mV
MC8640DTVU1067NC
1067
0.95 V ± 50 mV
MC8640THX1250HC
1250
1.05 V ± 50 mV
MC8640THX1000HC
1000
1.05 V ± 50 mV
MC8640THX1067NC
1067
0.95 V ± 50 mV
MC8640TVU1250HC
1250
1.05 V ± 50 mV
MC8640TVU1000HC
1000
1.05 V ± 50 mV
MC8640TVU1067NC
1067
0.95 V ± 50 mV
Table 2. Recommended Operating Conditions
Characteristic
Symbol
Recommended
Value
Unit
Notes
Junction temperature range
TJ
–40 to 105
°C—



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com