Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2DP814 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY2DP814
Description  1:4 Clock Fanout Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP814 Datasheet(HTML) 7 Page - Cypress Semiconductor

  CY2DP814 Datasheet HTML 1Page - Cypress Semiconductor CY2DP814 Datasheet HTML 2Page - Cypress Semiconductor CY2DP814 Datasheet HTML 3Page - Cypress Semiconductor CY2DP814 Datasheet HTML 4Page - Cypress Semiconductor CY2DP814 Datasheet HTML 5Page - Cypress Semiconductor CY2DP814 Datasheet HTML 6Page - Cypress Semiconductor CY2DP814 Datasheet HTML 7Page - Cypress Semiconductor CY2DP814 Datasheet HTML 8Page - Cypress Semiconductor CY2DP814 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CY2DP814
Document #: 38-07060 Rev. *E
Page 7 of 9
Figure 6. Test Circuit and Voltage Definitions for the Driver Common-Mode Output Voltage[3, 4, 5, 8, 9]
Figure 7. LVTTL/LVCMOS
Figure 8. LVDS/LVPECL
Ordering Information
TPA
TPC
TPB
50
50
Parallel Termination
En1
En2
Pulse
Generator
Pulse
G enerator
VOC
t
pd
t
pe
DE
Q
+
VDD-2V
1
InConfig
LVCMOS / LVTTL
LVTTL/LVCMOS
INPUT A
INPUT B
GND
In C o n fig
L VPE CL &
LV D S
L V DS /L V P E CL
0
Notes
8. VOC measurement requires equipment with a 3-dB bandwidth of at least 300 MHz.
9. All input pulses are supplied by a frequency generator with the following characteristics: tR and tF < 1 ns; pulse re-rate = 50 Mpps; pulse width = 10 ± 0.2 ns.
Part Number
Package Type
Product Flow
CY2DP814ZCT
16-pin TSSOP–Tape and Reel
Commercial, 0
°C to 70 °C
Pb free
CY2DP814ZXC
16-pin TSSOP
Commercial, 0
°C to 70 °C
CY2DP814ZXCT
16-pin TSSOP–Tape and Reel
Commercial, 0
°C to 70 °C
CY2DP814ZXI
16-pin TSSOP
Industrial, –40
°C to 85 °C
CY2DP814ZXIT
16-pin TSSOP–Tape and Reel
Industrial, –40
°C to 85 °C
[+] Feedback
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com