Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR03X Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MPR03X
Description  Proximity Capacitive Touch Sensor Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR03X Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MPR03X Datasheet HTML 17Page - Freescale Semiconductor, Inc MPR03X Datasheet HTML 18Page - Freescale Semiconductor, Inc MPR03X Datasheet HTML 19Page - Freescale Semiconductor, Inc MPR03X Datasheet HTML 20Page - Freescale Semiconductor, Inc MPR03X Datasheet HTML 21Page - Freescale Semiconductor, Inc MPR03X Datasheet HTML 22Page - Freescale Semiconductor, Inc MPR03X Datasheet HTML 23Page - Freescale Semiconductor, Inc MPR03X Datasheet HTML 24Page - Freescale Semiconductor, Inc MPR03X Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
MPR03X
Sensors
Freescale Semiconductor
21
Preliminary
8.4
Third Level Filter
The Third Level Filter is designed for varying implementations. It can be used as either an additional low pass filter for the
electrode data or a baseline for touch detection. For it to function as a baseline filter, it must be used in conjunction with the touch
detection system described in the next chapter. To use the filter as an additional layer for low pass filtering, the touch detection
system must be disabled by setting all of the touch thresholds to zero (refer to Section 9.2). Although, in most cases the third
level of filter will be used as a baseline filter. The primary difference between these implementations is this: if a touch is detected
the baseline filter will hold its current value until the touch is released. The touch/release configuration will be described in
Chapter 9.
When a touch is not currently detected, the baseline filter will operate based on a few conditions. These are configured through
a set of registers including the Max Half Delta Register, the Noise Half Delta Register, and the Noise Count Limit.
8.4.1
Max Half Delta Register
The Max Half Delta register is used to set the Max Half Delta for the Third Level Filter. The address of the Max Half Delta Register
is 0x26.
Figure 27. Max Half Delta Register
Table 13. Filter Configuration Register Field Descriptions
Field
Description
7:5
CDT
Charge Discharge Time – The Charge Discharge Time field selects the amount
of time an electrode charges and discharges.
000 Encoding 0 – Invalid
001 Encoding 1 – Time is set to 0.5
µs
010 Encoding 2 – Time is set to 1
µs
~
111 Encoding 7 – Time is set to 32
µs.
4:3
SFI
Second Filter Iterations – The Second Filter Iterations field selects the number of
samples taken for the second level filter.
00 Encoding 0 – Number of samples is set to 4
01 Encoding 1 – Number of samples is set to 6
10 Encoding 2 – Number of samples is set to 10
11 Encoding 3 – Number of samples is set to 18
2:0
ESI
Electrode Sample Interval – The Electrode Sample Interval field selects the
period between samples used for the second level of filtering.
000 Encoding 0 – Period set to 1 ms
001 Encoding 1 – Period set to 2 ms
~
111 Encoding 7 – Period set to 128 ms
7
6
543210
R0
0
MHD
W
Reset:
0
0
000000
= Unimplemented
Table 14. Max Half Delta Register Field Descriptions
Field
Description
5:0
MHD
Max Half Delta – The Max Half Delta determines the largest magnitude of
variation to pass through the third level filter.
000000 DO NOT USE THIS CODE
000001 Encoding 1 – Sets the Max Half Delta to 1
~
111111 Encoding 63 – Sets the Max Half Delta to 63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com